Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW064D Datasheet(PDF) 23 Page - STMicroelectronics

Part # M58LW064D
Description  64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064D Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M58LW064D Datasheet HTML 19Page - STMicroelectronics M58LW064D Datasheet HTML 20Page - STMicroelectronics M58LW064D Datasheet HTML 21Page - STMicroelectronics M58LW064D Datasheet HTML 22Page - STMicroelectronics M58LW064D Datasheet HTML 23Page - STMicroelectronics M58LW064D Datasheet HTML 24Page - STMicroelectronics M58LW064D Datasheet HTML 25Page - STMicroelectronics M58LW064D Datasheet HTML 26Page - STMicroelectronics M58LW064D Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
23/50
M58LW064D
MAXIMUM RATING
Stressing the device above the ratings listed in Ta-
ble 11., Absolute Maximum Ratings, may cause
permanent damage to the device. These are
stress ratings only and operation of the device at
these or any other conditions above those indicat-
ed in the Operating sections of this specification is
not implied. Exposure to Absolute Maximum Rat-
ing conditions for extended periods may affect de-
vice
reliability.
Refer
also
to
the
STMicroelectronics SURE Program and other rel-
evant quality documents.
Table 11. Absolute Maximum Ratings
Note: 1. Compliant with the JEDEC Std J-STD-020B (for small body, Sn-Pb or Pb assembly), the ST ECOPACK® 7191395 specification,
and the European directive on Restrictions on Hazardous Substances (RoHS) 2002/95/EU.
2. Maximum one output short-circuited at a time and for no longer than 1 second.
Symbol
Parameter
Value
Unit
Min
Max
TBIAS
Temperature Under Bias
–40
125
°C
TSTG
Storage Temperature
–55
150
°C
TLEAD
Lead Temperature during Soldering
(1)
°C
VIO
Input or Output Voltage
–0.6
VDDQ +0.6
V
VDD, VDDQ
Supply Voltage
–0.6
5.0
V
IOSC
Output Short-circuit Current
100(2)
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com