Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW064D Datasheet(PDF) 29 Page - STMicroelectronics

Part # M58LW064D
Description  64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064D Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M58LW064D Datasheet HTML 25Page - STMicroelectronics M58LW064D Datasheet HTML 26Page - STMicroelectronics M58LW064D Datasheet HTML 27Page - STMicroelectronics M58LW064D Datasheet HTML 28Page - STMicroelectronics M58LW064D Datasheet HTML 29Page - STMicroelectronics M58LW064D Datasheet HTML 30Page - STMicroelectronics M58LW064D Datasheet HTML 31Page - STMicroelectronics M58LW064D Datasheet HTML 32Page - STMicroelectronics M58LW064D Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
29/50
M58LW064D
Figure 12. Write AC Waveforms, Chip Enable Controlled
Note: 1. VIH = Device Disabled (first edge of E0, E1 or E2), VIL = Device Enabled (first edge of E0, E1 or E2). Refer to Table 2. for more
details.
Table 18. Write AC Characteristics, Chip Enable Controlled.
Symbol
Parameter
M58LW064D
Unit
110
tAVEH
Address Valid to Chip Enable High
Min
50
ns
tDVEH
Data Input Valid to Chip Enable High
Min
50
ns
tWLEL
Write Enable Low to Chip Enable Low
Min
0
ns
tVPHEH
Program/Erase Enable High to Chip Enable High
Min
0
ns
tEHAX
Chip Enable High to Address Transition
Min
5
ns
tEHBL
Chip Enable High to Status/(Ready/Busy) low
Max
500
ns
tEHDX
Chip Enable High to Input Transition
Min
5
ns
tEHWH
Chip Enable High to Write Enable High
Min
0
ns
tGHEL
Output Enable High to Chip Enable Low
Min
20
ns
tEHGL
Chip Enable High to Output Enable Low
Min
35
ns
tEHEL
Chip Enable High to Chip Enable Low
Min
30
ns
tELEH
Chip Enable Low to Chip Enable High
Min
70
ns
AI06216
DQ0-DQ15
STS
E2, E1, E0(1)
A0-A22
W
G
INPUT
VALID
tEHWH
tAVEH
tELEH
tWLEL
VPEN
tEHAX
tEHEL
tEHDX
tDVEH
tVPHEH
tEHGL
tGHEL
tEHBL
(Ready/Busy mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com