Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW064D Datasheet(PDF) 43 Page - STMicroelectronics

Part # M58LW064D
Description  64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064D Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M58LW064D Datasheet HTML 39Page - STMicroelectronics M58LW064D Datasheet HTML 40Page - STMicroelectronics M58LW064D Datasheet HTML 41Page - STMicroelectronics M58LW064D Datasheet HTML 42Page - STMicroelectronics M58LW064D Datasheet HTML 43Page - STMicroelectronics M58LW064D Datasheet HTML 44Page - STMicroelectronics M58LW064D Datasheet HTML 45Page - STMicroelectronics M58LW064D Datasheet HTML 46Page - STMicroelectronics M58LW064D Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
43/50
M58LW064D
Figure 20. Block Protect Flowchart and Pseudo Code
Write 01h
Block Address
AI06157b
YES
NO
SR7 = 1
Start
Write 60h
Block Address
Write FFh
Read Status Register
Block Protect
Sucessful
SR3 = 1
SR4, SR5 = 1,1
SR4 = 1
VPEN Invalid Error
Invalid Command
Sequence Error
Block Protect
Error
YES
YES
YES
NO
NO
NO
Block Protect Command
– write 60h, Block Adress
– write 01h, Block Adress
do:
– read status register
while SR7 = 1
If SR3 = 1, VPEN Invalid Error
Read Memory Array Command:
– write FFh
If SR4 = 1, SR5 = 1 Invalid Command Sequence
Error
If SR4 = 1, Block Protect Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com