Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7616 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7616
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616 Datasheet(HTML) 4 Page - Analog Devices

  AD7616 Datasheet HTML 1Page - Analog Devices AD7616 Datasheet HTML 2Page - Analog Devices AD7616 Datasheet HTML 3Page - Analog Devices AD7616 Datasheet HTML 4Page - Analog Devices AD7616 Datasheet HTML 5Page - Analog Devices AD7616 Datasheet HTML 6Page - Analog Devices AD7616 Datasheet HTML 7Page - Analog Devices AD7616 Datasheet HTML 8Page - Analog Devices AD7616 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
Data Sheet
AD7616
Rev. 0 | Page 3 of 50
SPECIFICATIONS
VREF = 2.5 V external/internal, VCC = 4.75 V to 5.25 V, VDRIVE = 2.3 V to 3.6 V, fSAMPLE = 1 MSPS, TA = −40°C to +125°C, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Signal-to-Noise Ratio (SNR)1, 2
89
90.5
dB
92
dB
93
dB
88
89.5
dB
85.5
87
dB
Signal-to-Noise-and-Distortion (SINAD)1
88.5
90
dB
87.5
89
dB
85
87
dB
Dynamic Range
92
dB
90.5
dB
88
dB
Total Harmonic Distortion (THD)1
−103
−93.5
dB
−100
dB
fIN = 1 kHz sine wave unless otherwise noted
No oversampling, ±10 V range
OSR = 2, ±10 V range
,3 fSAMPLE = 500 kSPS
OSR = 4, ±10 V range3
No oversampling, ±5 V range
No oversampling, ±2.5 V range
No oversampling, ±10 V range
No oversampling, ±5 V range
No oversampling, ±2.5 V range
No oversampling, ±10 V range
No oversampling, ±5 V range
No oversampling, ±2.5 V range
No oversampling, ±10 V range
No oversampling, ±5 V range
No oversampling, ±2.5 V range
−97
dB
Peak Harmonic or Spurious Noise1
−103
dB
Intermodulation Distortion (IMD)1
fa = 1 kHz, fb = 1.1 kHz
Second-Order Terms
−105
dB
Third-Order Terms
−113
dB
Channel to Channel Isolation1
fIN on unselected channels up to 5 kHz
−106
dB
ANALOG INPUT FILTER
Full Power Bandwidth
−3 dB, ±10 V range
39
kHz
−3 dB, ±5 V/2.5 V range
33
kHz
−0.1 dB
5.5
kHz
Phase Delay3
±10 V range
4.4
6
μs
±5 V range
5
μs
±2.5 V range
4.9
μs
Phase Delay Drift3
±10 V range
±0.55
5
ns/°C
Phase Delay Matching (Dual Simultaneous
Pair)3
±10 V range
4.4
100
ns
±5 V range
4.7
ns
±2.5 V range
4.1
ns
DC ACCURACY
Resolution
No missing codes
16
Bits
Differential Nonlinearity (DNL)1
±0.5
±0.99
LSB4
Integral Nonlinearity (INL)1
±1
±2
LSB
Total Unadjusted Error (TUE)
±10 V range
±6
LSB
±5 V range
±8
LSB
±2.5 V range
±10
LSB
Positive Full-Scale Error5
External reference
±10 V range
±5
±32
LSB
±5 V range
± 4
LSB
±2.5 V range
± 2
LSB
Internal reference
±10 V range
±5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com