Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7616 Datasheet(PDF) 31 Page - Analog Devices

Part # AD7616
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7616 Datasheet HTML 27Page - Analog Devices AD7616 Datasheet HTML 28Page - Analog Devices AD7616 Datasheet HTML 29Page - Analog Devices AD7616 Datasheet HTML 30Page - Analog Devices AD7616 Datasheet HTML 31Page - Analog Devices AD7616 Datasheet HTML 32Page - Analog Devices AD7616 Datasheet HTML 33Page - Analog Devices AD7616 Datasheet HTML 34Page - Analog Devices AD7616 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
AD7616
Data Sheet
Rev. 0 | Page 30 of 50
The CHSELx and HW_RNGSELx signals are not latched. The
channel pair selected for conversion, or the hardware sequencer,
can be reconfigured during normal operation by setting and
maintaining the CHSELx signal level before the CONVST rising
edge, and ensuring the signal level remains constant until after
BUSY transitions low again. See the Channel Selection section
for further details.
In software mode, all additional functionality is configured by
controlling the on-chip registers.
PIN FUNCTION OVERVIEW
There are several dual function pins on the AD7616. Their
functionality is dependent on the mode of operation selected by
the HW_RNGSELx pins. Table 12 outlines the pin functionality
in the different modes of operation and interface modes.
Figure 50. AD7616 Configuration at Reset
Table 12. Pin Functionality Overview
Pins
Operation Mode
Software, HW_RNGSELx = 00
Hardware, HW_RNGSELx ≠ 00
Serial, SER/PAR = 1
Parallel, SER/PAR = 0
Serial, SER/PAR = 1
Parallel, SER/PAR = 0
CHSELx
No function, connect to
DGND
No function, connect
to DGND
CHSELx
CHSELx
SCLK/RD
SCLK
RD
SCLK
RD
WR/BURST
Connect to DGND
WR
BURST
BURST
DB15/OS0 to
DB13/OS2
Connect to DGND
DB15 to DB13
OSx
DB15 to DB13
DB12/SDOA
SDOA
DB12
SDOA
DB12
DB11/SDOB
SDOB, leave floating for
serial 1-wire mode
DB11
SDOB
DB11
DB10/SDI
SDI
DB10
Connect to DGND
DB10
DB9 to DB6, DB3
to DB0
Connect to DGND
DB9 to DB6, DB3 to
DB0
Connect to DGND
DB9 to DB6, DB3 to DB0
DB5/CRCEN
Connect to DGND
DB5
CRCEN
DB5
DB4/SER1W
SER1W
DB4
SER1W
DB4
HW_RNGSELx
HW_RNGSELx, connect to
DGND
HW_RNGSELx, connect
to DGND
HW_RNGSELx, configure
analog input range
HW_RNGSELx, configure
analog input range
SEQEN
No function, connect to
DGND
No function, connect
to DGND
SEQEN
SEQEN
REFSEL
REFSEL
REFSEL
REFSEL
REFSEL
VCC
VDRIVE
RESET
CONVST
BUSY
MODE
RANGE SETTING IN HW MODE
CHx
y
z
ACQx
CONVx
ACQy
CONVy
tRESET_WAIT
tDEVICE_SETUP
tRESET_SETUP
tRESET_HOLD
ALL MODES
HARDWARE
MODE ONLY
REFSEL
SER/PAR, SER1W
HW_RNGSEL0,
HW_RNGSEL1
CRCEN, BURST
SEQEN, OS0 TO OS2
CHSEL0 TO CHSEL2
ACTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com