Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7616 Datasheet(PDF) 33 Page - Analog Devices

Part # AD7616
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD7616 Datasheet HTML 29Page - Analog Devices AD7616 Datasheet HTML 30Page - Analog Devices AD7616 Datasheet HTML 31Page - Analog Devices AD7616 Datasheet HTML 32Page - Analog Devices AD7616 Datasheet HTML 33Page - Analog Devices AD7616 Datasheet HTML 34Page - Analog Devices AD7616 Datasheet HTML 35Page - Analog Devices AD7616 Datasheet HTML 36Page - Analog Devices AD7616 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
AD7616
Data Sheet
Rev. 0 | Page 32 of 50
PARALLEL INTERFACE
The parallel interface reads the conversion results, and config-
ures and reads back the on-chip registers. Data can be read from
the AD7616 via the parallel data bus with standard CS, RD,
and WR signals. To read the data over the parallel bus, tie the
SER/PAR pin low.
Reading Conversion Results
The CONVST signal initiates the conversion process. A low to
high transition on the CONVST signal initiates a conversion of
the selected inputs. The BUSY signal goes high to indicate a
conversion is in progress. When the BUSY signal transitions
from high to low to indicate that a conversion is complete, it is
possible to read back conversion results on the parallel interface.
Data can be read from the AD7616 via the parallel data bus with
standard CS and RD signals. The CS and RD input signals are
internally gated to enable the conversion result onto the data
bus. The data lines, DB15 to DB0, leave their high impedance
state when both CS and RD are logic low.
The rising edge of the CS input signal three-states the bus, and
the falling edge of the CS input signal takes the bus out of the
high impedance state. CS is the control signal that enables the
data lines; it is the function that allows multiple AD7616
devices to share the same parallel data bus.
The number of required read operations depends on the device
configuration. A minimum of two reads are required to read the
conversion result for the simultaneously sampled A and B
channels. If additional functions such as CRC, status, and burst
mode are enabled, the number of required readbacks increases
accordingly.
The RD pin reads data from the output conversion results register.
Applying a sequence of RD pulses to the RD pin of the AD7616
clocks the conversion results out from each channel onto the
parallel bus, DB15 to DB0. The first RD falling edge after BUSY
goes low clocks out the conversion result from Channel AX. The
next RD falling edge updates the bus with the Channel BX
conversion result.
Writing Register Data
In software mode, all the read/write registers in the AD7616 can
be written to over the parallel interface. A register write
command is performed by a single 16-bit parallel access via the
parallel bus (DB15 to DB0), CS, and WR signals. Provide data
written to the AD7616 on the DB15 to DB0 inputs, with DB0
being the LSB of the data-word. The format for a write
command is shown in Figure 54. Bit D15 must be set to 1 to
select a write command. Bits[D14:D9] contain the register
address. The subsequent nine bits (Bits[D8:D0]) contain the
data to be written to the selected register. See the Register
Summary section for the complete list of register addresses.
Data is latched into the device on the rising edge of WR.
Figure 54. Parallel Interface Register Write
Reading Register Data
All the registers in the device can be read over the parallel interface.
A register read is performed by first writing the address of the
register to be read to the AD7616. The format for a register read
command is shown in Figure 56. Bit D15 must be set to 0 to
select a read command. Bits[D14:D9] contain the register address.
The subsequent nine bits (Bits[D8:D0]) are ignored. The read
command is latched into the AD7616 on the rising edge of WR.
This latch transfers the relevant register data to the output
register. The register data can then be read on the DB15 to DB0
pins by using a standard read command. See Figure 56 for
additional information.
Figure 55. Parallel Interface Conversion Readback
Figure 56. Parallel Interface Register Read
CS
WR
WRITE REG 1
WRITE REG 2
DB15
TO
DB0
CONVST
BUSY
CS
RD
CONV A
CONV B
DB15 TO DB0
CS
WR
RD
READ REG 1
DATA REG 1
READ REG 2
DATA REG 2
DB15 TO DB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com