Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7616 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7616
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7616 Datasheet HTML 7Page - Analog Devices AD7616 Datasheet HTML 8Page - Analog Devices AD7616 Datasheet HTML 9Page - Analog Devices AD7616 Datasheet HTML 10Page - Analog Devices AD7616 Datasheet HTML 11Page - Analog Devices AD7616 Datasheet HTML 12Page - Analog Devices AD7616 Datasheet HTML 13Page - Analog Devices AD7616 Datasheet HTML 14Page - Analog Devices AD7616 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
AD7616
Data Sheet
Rev. 0 | Page 10 of 50
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Rating
V
CC to AGND
−0.3 V to +7 V
V
DRIVE to AGND
−0.3 V to V
CC + 0.3 V
Analog Input Voltage to AGND1
±21 V
Digital Input Voltage to AGND
−0.3 V to V
DRIVE + 0.3 V
Digital Output Voltage to AGND
−0.3 V to V
DRIVE + 0.3 V
REFINOUT to AGND
−0.3 V to V
CC + 0.3 V
Input Current to Any Pin Except
Supplies1
±10 mA
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Soldering Reflow
Pb/Sn Temperature (10 sec to 30 sec)
240 (+0)°C
Pb-Free Temperature
260 (+0)°C
ESD
All Pins Except Analog Inputs
2 kV
Analog Input Pins Only
8 kV
1 Transient currents of up to 100 mA do not cause silicon controlled rectifier
(SCR) latch-up.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Close attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure. θJC is
the junction to case thermal resistance.
Table 6. Thermal Resistance
Package Type
θ
JA
θ
JC
Unit
ST-80-21
41
7.5
°C/W
1 Thermal impedance simulated values are based on a JEDEC 2S2P thermal
test board. See JEDEC JESD51.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com