Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7616 Datasheet(PDF) 39 Page - Analog Devices

Part # AD7616
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD7616 Datasheet HTML 35Page - Analog Devices AD7616 Datasheet HTML 36Page - Analog Devices AD7616 Datasheet HTML 37Page - Analog Devices AD7616 Datasheet HTML 38Page - Analog Devices AD7616 Datasheet HTML 39Page - Analog Devices AD7616 Datasheet HTML 40Page - Analog Devices AD7616 Datasheet HTML 41Page - Analog Devices AD7616 Datasheet HTML 42Page - Analog Devices AD7616 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
AD7616
Data Sheet
Rev. 0 | Page 38 of 50
DIAGNOSTICS
DIAGNOSTIC CHANNELS
In addition to the 16 analog inputs, VxA and VxB, the AD7616
can also convert the following diagnostic channels: VCC and the
analog ALDO voltage. The diagnostic channels are selected for
conversion by programming the channel register (see the Channel
Register section) to the corresponding channel identifier. Diagnos-
tic channels can also be added to the sequencer stack in software
mode, but only provide an accurate reading at throughput rates
<250 kSPS. See Figure 65 for a plot of the deviation from
expected value vs. sampling frequency that can be expected
when using the diagnostic channels.
The expected output for each channel is governed by the
following transfer functions:
(
)
(
)
REF
REF
CC
CC
V
V
V
Code
V
×
×
×
=
5
768
,
32
–
4
(
) (
)
(
)
REF
REF
ALDO
V
V
V
Code
LDO
×
×
×
×
=
10
768
,
32
7
–
10
Figure 65. Deviation from Expected Value vs. Sampling Frequency
Figure 66. VCC Diagnostic Transfer Function
Figure 67. ALDO Diagnostic Transfer Function
INTERFACE SELF TEST
It is possible to test the integrity of the digital interface by
selecting the communication self test channel in the channel
register (see the Channel Register section).
Selecting the communication self test for conversion forces the
conversion result register to a known fixed output. When
conversion code is read, Code 0xAAAA is output as the
conversion code of ADC A, and Code 0x5555 is output as the
conversion code of ADC B.
CRC
The AD7616 has a cyclic redundancy check (CRC) checksum
mode to improve interface robustness by detecting errors in
data. The CRC feature is available in both software (serial and
parallel) mode and hardware (serial only) mode. The CRC
feature is not available in hardware parallel mode. The CRC
result is contained within the status register. Enabling the CRC
feature enables the status register and vice versa.
In hardware mode, the CRCEN pin controls the CRC feature.
The CRC feature is enabled or disabled when the AD7616 is
released from full reset. The logic level of the CRCEN pin when
the RESET pin is released determines whether the CRC feature is
enabled or disabled. Set the CRCEN pin to 1 to enable the CRC
feature. After the RESET pin is released, the function is fixed
and a full reset via the RESET pin is required to exit the
function and set up an alternative configuration. See the Reset
Functionality section for additional information. After being
enabled, the CRC result is appended to the conversion result and
consists of a 16-bit word, where the first eight bits contain the
channel ID of the last channel pair converted and the last eight
bits are the CRC result. The result is accessed via an extra read
command, as shown in Figure 68.
In software mode, the CRC function is enabled by setting either
the CRCEN bit or the STATUSEN bit in the configuration
register to 1 (see the section).
750
–750
–500
–250
0
250
500
0
600
500
400
300
200
100
SAMPLING FREQUENCY (kSPS)
ALDO ERROR
VCC ERROR
29000
22000
23000
24500
26000
28000
25000
27000
4.50
4.75
5.00
5.50
5.25
VCC (V)
–9000
–8800
–8600
–8400
–8200
–8000
–7800
–7600
–7400
–7200
1.75
1.80
1.85
1.90
1.95
ALDO (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com