Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7616 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7616
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7616 Datasheet HTML 9Page - Analog Devices AD7616 Datasheet HTML 10Page - Analog Devices AD7616 Datasheet HTML 11Page - Analog Devices AD7616 Datasheet HTML 12Page - Analog Devices AD7616 Datasheet HTML 13Page - Analog Devices AD7616 Datasheet HTML 14Page - Analog Devices AD7616 Datasheet HTML 15Page - Analog Devices AD7616 Datasheet HTML 16Page - Analog Devices AD7616 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
AD7616
Data Sheet
Rev. 0 | Page 12 of 50
Pin No.
Type1
Mnemonic2
Description
21
AI GND
V3AGND
Analog Input Ground Pin. This pin corresponds to Analog Input Pin V3A.
22
AI
V3A
Analog Input for Channel 3, ADC A.
23
AI GND
V2AGND
Analog Input Ground Pin. This pin corresponds to Analog Input Pin V2A.
24
AI
V2A
Analog Input for Channel 2, ADC A.
25
AI GND
V1AGND
Analog Input Ground Pin. This pin corresponds to Analog Input Pin V1A.
26
AI
V1A
Analog Input for Channel 1, ADC A.
27
AI GND
V0AGND
Analog Input Ground Pin. This pin corresponds to Analog Input Pin V0A.
28
AI
V0A
Analog Input for Channel 0, ADC A.
31
CAP
REFCAP
Reference Buffer Output Force/Sense Pin. Decouple this pin to AGND using a low effective
series resistance (ESR), 10 µF, X5R ceramic capacitor, as close to the REFCAP pin as possible.
The voltage on this pin is typically 4.096 V.
32
CAP
REFGND
Reference Ground pin. Connect this pin to AGND.
33
REF
REFINOUT
Reference Input/Reference Output. The on-chip reference of 2.5 V is available on this pin for
external use when the REFSEL pin is set to logic high. Alternatively, the internal reference can
be disabled by setting the REFSEL pin to logic low, and an external reference of 2.5 V can be
applied to this input. Decoupling is required on this pin for both the internal and external
reference options. Connect a 100 nF, X8R capacitor between the REFINOUT and REFINOUTGND
pins, as close to the REFINOUT pin as possible. If using an external reference, connect a 10 kΩ
series resistor to this pin to band limit the reference signal.
34
CAP
REFINOUTGND
Reference Input, Reference Output Ground Pin.
35
DI
REFSEL
Internal/External Reference Selection Input. REFSEL is a logic input. If this pin is set to logic
high, the internal reference is selected and enabled. If this pin is set to logic low, the internal
reference is disabled and an external reference voltage must be applied to the REFINOUT pin.
The signal state is latched on the release of a full reset, and requires an additional full reset to
reconfigure.
36
DI
RESET
Reset Input. Full and partial reset options are available. The type of reset is determined by the
length of the RESET pulse. Keeping RESET low places the device into shutdown mode. See the
Reset Functionality section for further details.
37
DI
SEQEN
Channel Sequencer Enable Input (Hardware Mode Only). When SEQEN is tied low, the
sequencer is disabled.
When SEQEN is high, the sequencer is enabled (with restricted functionality in hardware
mode). See the Sequencer section for further details. The signal state is latched on the release
of a full reset, and requires an additional full reset to reconfigure.
In software mode, this pin must be connected to DGND.
38, 39
DI
HW_RNGSEL1,
HW_RNGSEL0
Hardware/Software Mode Selection, Hardware Mode Range Select Inputs. Hardware/software
mode selection is latched at full reset. Range selection in hardware mode is not latched.
HW_RNGSELx = 00: software mode; the AD7616 is configured via the software registers.
HW_RNGSELx = 01: hardware mode; analog input range is ±2.5 V.
HW_RNGSELx = 10: hardware mode; analog input range is ±5 V.
HW_RNGSELx = 11: hardware mode; analog input range is ±10 V.
40
DI
SER/PAR
Serial/Parallel Interface Selection Input. Logic input. If this pin is tied to a logic low, the parallel
interface is selected. If this pin is tied to logic high, the serial interface is selected. The signal
state is latched on the release of a full reset, and requires an additional full reset to reconfigure.
41, 42, 43,
44
DO/DI
DB0, DB1, DB2,
DB3
Parallel Output/Input Data Bit 0 to Data Bit 3. In parallel mode, these pins are output/input
parallel data bits, DB7 to DB0. Refer to the Parallel Interface section for further details. In serial
mode, these pins must be tied to DGND.
45
DO/DI
DB4/SER1W
Parallel Output/Input Data Bit 4/Serial Output Selection. In parallel mode, this pin acts as a
three-state parallel digital output/input pin. Refer to the Parallel Interface section for further
details.
In serial mode, this pin determines whether the serial output operates over SDOA and SDOB
or just SDOA. When SER1W is low, the serial output operates over SDOA only. When SER1W is
high, the serial output operates over both SDOA and SDOB. The signal state is latched on the
release of a full reset, and requires an additional full reset to reconfigure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com