Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7616 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7616
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7616 Datasheet HTML 5Page - Analog Devices AD7616 Datasheet HTML 6Page - Analog Devices AD7616 Datasheet HTML 7Page - Analog Devices AD7616 Datasheet HTML 8Page - Analog Devices AD7616 Datasheet HTML 9Page - Analog Devices AD7616 Datasheet HTML 10Page - Analog Devices AD7616 Datasheet HTML 11Page - Analog Devices AD7616 Datasheet HTML 12Page - Analog Devices AD7616 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
AD7616
Data Sheet
Rev. 0 | Page 8 of 50
Parallel Mode Timing Specifications
Table 3.
Parameter
Min
Typ
Max
Unit
Description
tRD_SETUP
10
ns
CS falling edge to RD falling edge setup time
tRD_HOLD
10
ns
RD rising edge to CS rising edge hold time
tRD_HIGH
10
ns
RD high pulse width
tRD_LOW
30
ns
RD low pulse width
tDOUT_SETUP
30
ns
Data access time after falling edge of RD
tDOUT_3STATE
11
ns
CS rising edge to DBx high impedance
tWR_SETUP
10
ns
CS to WR setup time
tWR_HIGH
20
ns
WR high pulse width
tWR_LOW
30
ns
WR low pulse width
tWR_HOLD
10
ns
WR hold time
tDIN_SETUP
30
ns
Configuration data to WR setup time
tDIN_HOLD
10
ns
Configuration data to WR hold time
tCONF_SETTLE
20
ns
Configuration data settle time, WR rising edge to CONVST rising edge
Figure 4. Parallel Read Timing Diagram
Figure 5. Parallel Write Timing Diagram
CONVST
BUSY
CS
RD
CONV A
CONV B
DB15 TO DB0
tDOUT_3STATE
tRD_SETUP
tDOUT_SETUP
tRD_LOW
tRD_HIGH
tRD_HOLD
CONVST
CS
WR
WRITE REG 1
WRITE REG 2
DB0 TO
DB15
tCONF_SETTLE
tWR_HIGH
tDIN_HOLD
tDIN_SETUP
tWR_HOLD
tWR_SETUP
tWR_LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com