Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7616 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7616
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7616 Datasheet HTML 3Page - Analog Devices AD7616 Datasheet HTML 4Page - Analog Devices AD7616 Datasheet HTML 5Page - Analog Devices AD7616 Datasheet HTML 6Page - Analog Devices AD7616 Datasheet HTML 7Page - Analog Devices AD7616 Datasheet HTML 8Page - Analog Devices AD7616 Datasheet HTML 9Page - Analog Devices AD7616 Datasheet HTML 10Page - Analog Devices AD7616 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
AD7616
Data Sheet
Rev. 0 | Page 6 of 50
TIMING SPECIFICATIONS
Universal Timing Specifications
VCC = 4.75 V to 5.25 V, VDRIVE = 2.3 V to 3.6 V, VREF = 2.5 V external reference/internal reference, TA = −40°C to +125°C, unless otherwise noted.
Interface timing tested using a load capacitance of 30 pF, dependent on VDRIVE and load capacitance for serial interface (see Table 14).
Table 2.
Parameter1
Min
Typ
Max
Unit
Description
t
CYCLE
1
µs
Minimum time between consecutive CONVST rising edges (excluding burst and
oversampling modes)
t
CONV_LOW
50
ns
CONVST low pulse width
t
CONV_HIGH
50
ns
CONVST high pulse width
t
BUSY_DELAY
32
ns
CONVST high to BUSY high (manual mode)
t
CS_SETUP
20
ns
BUSY falling edge to CS falling edge setup time
t
CH_SETUP
50
ns
Channel select setup time in hardware mode for CHSELx
t
CH_HOLD
20
ns
Channel select hold time in hardware mode for CHSELx
t
CONV
475
520
ns
Conversion time for the selected channel pair
t
ACQ
480
ns
Acquisition time for the selected channel pair
t
QUIET
50
ns
CS rising edge to next CONVST rising edge
t
RESET_LOW
Partial Reset
40
500
ns
Partial RESET low pulse width
Full Reset
1.2
µs
Full RESET low pulse width
t
DEVICE_SETUP
Partial Reset
50
ns
Time between partial RESET high and CONVST rising edge
Full Reset
15
ms
Time between full RESET high and CONVST rising edge
t
WRITE
Partial Reset
50
ns
Time between partial RESET high and CS for write operation
Full Reset
240
µs
Time between full RESET high and CS for write operation
t
RESET_WAIT
1
ms
Time between stable V
CC/VDRIVE and release of RESET (see Figure 50)
t
RESET_SETUP
Time prior to release of RESET that queried hardware inputs must be stable for (see Figure 50)
Partial Reset
10
ns
Full Reset
0.05
ms
t
RESET_HOLD
Time after release of RESET that queried hardware inputs must be stable for (see Figure 50)
Partial Reset
10
ns
Full Reset
0.24
ms
1 Not production tested. Sample tested during initial release to ensure compliance.
Figure 2. Universal Timing Diagram Across All Interfaces
CONVST
BUSY
CS
CHx
y
CHSEL0 TO
CHSEL2
t
CYCLE
t
CONV_LOW
t
BUSY_DELAY
t
CONV_HIGH
t
QUIET
t
CONV
t
ACQ
t
CS_SETUP
t
CH_SETUP
t
CH_HOLD
HARDWARE
MODE ONLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com