Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 12 Page - ams AG

Part # AS7221
Description  Calibrated XYZ tri-stimulus color sensing for direct translation to CIE 1931/1976 standard observer color MAPS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7221 Datasheet(HTML) 12 Page - ams AG

Back Button AS7221 Datasheet HTML 8Page - ams AG AS7221 Datasheet HTML 9Page - ams AG AS7221 Datasheet HTML 10Page - ams AG AS7221 Datasheet HTML 11Page - ams AG AS7221 Datasheet HTML 12Page - ams AG AS7221 Datasheet HTML 13Page - ams AG AS7221 Datasheet HTML 14Page - ams AG AS7221 Datasheet HTML 15Page - ams AG AS7221 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Page 12
ams Datasheet
Document Feedback
[v1-01] 2016-Dec-08
AS7221 − Electrical Characteristics
Figure 13:
AS7221 Optical Characteristics
Note(s):
1. Typical values at Lux ≥50, Integration time=400.4ms, Gain=1x, TAMB = 25ºC.
2. Calibration and measurements are made using diffused light.
Figure 14:
AS7221 LGA Package Field of View
Symbol
Parameter
Conditions
Min
Typ (1)
Max
Unit
Color_m(2)
Color Measurement
Accuracy
White Light CCT=2700K,
3500K, 4500K and 5700K
0.002
du’v’
Z_count
Z Channel Count
Accuracy
White light CCT = 5700K
3.375
4.5
5.625
counts/
(
μW/cm2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com