Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 2 Page - ams AG

Part # AS7221
Description  Calibrated XYZ tri-stimulus color sensing for direct translation to CIE 1931/1976 standard observer color MAPS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7221 Datasheet(HTML) 2 Page - ams AG

  AS7221 Datasheet HTML 1Page - ams AG AS7221 Datasheet HTML 2Page - ams AG AS7221 Datasheet HTML 3Page - ams AG AS7221 Datasheet HTML 4Page - ams AG AS7221 Datasheet HTML 5Page - ams AG AS7221 Datasheet HTML 6Page - ams AG AS7221 Datasheet HTML 7Page - ams AG AS7221 Datasheet HTML 8Page - ams AG AS7221 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-01] 2016-Dec-08
AS7221 − General Description
Key Benefits & Features
The benefits and features of this device are listed below:
Figure 1:
Added Value of Using AS7221
Applications
Autonomous, networked solid-state lighting manager for
variable CCT and daylight harvesting:
• Integrated smart lighting control of variable CCT white
lighting solutions
• Luminaires intended to meet California Title 24
daylighting requirements
• Commercial, retail, and residential white/color changing
LED lighting systems
• Networked lighting systems with IoT sensor expandability
Benefits
Features
• Accurate control of variable CCT and spectrally
tunable lighting
• Calibrated XYZ tri-stimulus color sensing for direct
translation to CIE 1931/1976 standard observer color
maps
• Automatic spectral and lumen maintenance
over temperature and time
• Autonomous color point and lumen output
adjustment resulting in automatic spectral and
lumen maintenance
• Direct serial interface for connection to
standard networks
• Simple UART interface for connection to network
hardware clients for protocols such as Bluetooth,
ZigBee and WiFi
• Simple lamp or luminaire configuration and
commissioning using defined command set
• Smart Lighting Command Set (SLCS) uses simple
text-based commands to control and configure a
wide variety of functions
• Compatible with standard dimmer controls and
occupancy sensors
• Directly interfaces to 0-10V dimmer controls and
standard occupancy sensors
• Directly interfaces to LED driver via PWM
• Built-in PWM generator to dim LED lamps and
luminaires
• 12-bit resolution for precise dimming down to 1%
• Directly interfaces to ballast via 0-10V
• 0-10V analog output for control of conventional
dimming ballasts in a current steering design
• Small package, wide operating range with
critical optics built-in
• 20-pin LGA package 4.5mm x 4.7mm x 2.5mm with
integrated aperture
• -40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com