Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 14 Page - ams AG

Part # AS7221
Description  Calibrated XYZ tri-stimulus color sensing for direct translation to CIE 1931/1976 standard observer color MAPS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7221 Datasheet(HTML) 14 Page - ams AG

Back Button AS7221 Datasheet HTML 10Page - ams AG AS7221 Datasheet HTML 11Page - ams AG AS7221 Datasheet HTML 12Page - ams AG AS7221 Datasheet HTML 13Page - ams AG AS7221 Datasheet HTML 14Page - ams AG AS7221 Datasheet HTML 15Page - ams AG AS7221 Datasheet HTML 16Page - ams AG AS7221 Datasheet HTML 17Page - ams AG AS7221 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-01] 2016-Dec-08
AS7221 − Detailed Description
XYZ Chromatic White Color Sensor
The XYZ chromatic white/color sensor, part of the AS7221
Cognitive Light Engine (CLE), is a next-generation digital color
sensor device. The sensor contains an integrating
analog-to-digital converter (16-bit resolution ADC), which
integrates current from photodiodes. Upon completion of the
conversion cycle, the result is transferred to the corresponding
data registers. Transfers are double-buffered to ensure integrity
of the data is maintained.
Standard observer interference filters realize the XYZ response,
which enables both a no life-time drift and very high
temperature stability. Note the AS7221 LGA package contains
an internal aperture that provides a package field of view
(PFOV) of ± 20.5°. External optics can be used as needed to
expand or reduce this built in PFOV.
AS7221 Inputs
Figure 16:
VDDHV Based Settings for Inputs
Note(s):
1. For VDDHV <= 3.6V, VDDHV and VDD should be tied together.
2. With external dividers connected to 0-10V inputs, the max voltage to the device input is 2V.
For the AS7221, dimming can be accomplished from either the
input pin (0_10V_DIM) or network command via the UART. For
network commanded dimming, using the AS7221 Smart
Lighting Command set, the UART interface is used.
Local hardware inputs can be provided by, for example, a slide
control dimmer. The 0-10V DIM analog input signal is
downscaled by the AS7221 with an internal voltage divider and
converted to a 10 bit digital value, 0V=full dimming, 10V=no
dimming. When using the internal voltage divider the voltage
at the VDDHV pin has to be higher than 10V.
If a second supply is not available, VDDHV and VDD are tied
together and the downscale has to be done by an external
resistor divider. The maximum range in the downscaled input
is limited to 2V. Hence to accept a full range 10V signal the input
resistor divider has to be 5:1 ratio. Dependent on the level at
pin VDDHV the Smart Lighting Manager automatically selects
either the internal or the external voltage divider. Refer to the
Figures above and below. If the 0_10V_DIM pin is not used, an
external resister pull-up connecting it to VDDHV is
recommended.
VDDHV
Dimming
10.5-15V
Direct input for 0_10V_DIM, dimming input
2.97-10V (1)
External 5:1 resistor divider for 0-10V_DIM, dimming input (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com