Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 1 Page - ams AG

Part # AS7221
Description  Calibrated XYZ tri-stimulus color sensing for direct translation to CIE 1931/1976 standard observer color MAPS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7221 Datasheet(HTML) 1 Page - ams AG

  AS7221 Datasheet HTML 1Page - ams AG AS7221 Datasheet HTML 2Page - ams AG AS7221 Datasheet HTML 3Page - ams AG AS7221 Datasheet HTML 4Page - ams AG AS7221 Datasheet HTML 5Page - ams AG AS7221 Datasheet HTML 6Page - ams AG AS7221 Datasheet HTML 7Page - ams AG AS7221 Datasheet HTML 8Page - ams AG AS7221 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
ams Datasheet
Page 1
[v1-01] 2016-Dec-08
Document Feedback
AS7221
Calibrated XYZ Chromatic Manager for
Network Enabled Smart Lighting
The AS7221 Smart Lighting Manager device is part of the ams
Cognitive Lighting™ family of products that enable lights to be
“aware” and adapt to their surroundings, autonomously
adapting to human lighting and energy conservation needs.
The device is equipped with an advanced Cognitive Lighting
Engine (CLE) to optimize, chromatic white/color tuning,
daylight harvesting and lumen maintenance via a combination
of PWM and/or 0-10V controls with dimming ballasts. Direct
connection to a local sensor network (LSN), enables
connectivity with standard occupancy sensors, dimmers or
communications bridges.
AS7221 XYZ chromatic white/color sensing provides mapping
to x, y (z) of the CIE 1931 2-dimensional color gamut coordinates
and scales the coordinates to the CIE 1976 u’v’ coordinate
system. The AS7221 integrates standard observer filters into
standard silicon via nano-optic deposited interference filters
which deliver high-stability over time and temperature. The
LGA package includes a built in aperture to control light
entering the sensor array. Integrated intelligence enables
lifetime CCT calibration to within 2-4 Macadam steps.
The AS7221 connects to standard 0-10V dimmers inputs and
drives 0-10V dimming ballasts/drivers to enable a highly
cost-effective white tunable current-steering luminaire design
with a single-channel constant current ballast. Direct PWM
inputs can also interface to standard LED drivers or
multi-channel ballasts for constant voltage LED lighting
architectures.
A UART interface is provided for configuration, control and
management of the CLE. This UART interface responds to simple
Smart Lighting Set commands.
Ordering Information and Content Guide appear at end of
datasheet.
General Description


Similar Part No. - AS7221

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
AS7221 OSRAM-AS7221 Datasheet
2Mb / 56P
CCT Tuning Smart Lighting Manager
v4-00 2019-Jun-28
logo
ams-OSRAM AG
AS7221 AMSOSRAM-AS7221 Datasheet
2Mb / 56P
CCT Tuning Smart Lighting Manager
2019-Jun-28
logo
OSRAM GmbH
AS7221-BLGM OSRAM-AS7221-BLGM Datasheet
2Mb / 56P
CCT Tuning Smart Lighting Manager
v4-00 2019-Jun-28
AS7221-BLGT OSRAM-AS7221-BLGT Datasheet
2Mb / 56P
CCT Tuning Smart Lighting Manager
v4-00 2019-Jun-28
More results

Similar Description - AS7221

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNJ717W80RA PANASONIC-LNJ717W80RA Datasheet
37Kb / 1P
TSS Tri-Color Type
logo
List of Unclassifed Man...
1313C ETC1-1313C Datasheet
1Mb / 17P
TOP VIEW TYPE TRI-COLOR
logo
STANLEY ELECTRIC CO.,LT...
JRGB1316LS STANLEY-JRGB1316LS Datasheet
391Kb / 15P
PLCC-6 Type Tri-color
logo
List of Unclassifed Man...
QBLP600-RGB ETC1-QBLP600-RGB Datasheet
425Kb / 7P
TRI COLOR LED
logo
ams AG
AS7261N AMSCO-AS7261N Datasheet
1Mb / 42P
XYZ Tri-Stimulus and NIR Sensor with Electronic Shutter
logo
STANLEY ELECTRIC CO.,LT...
CRGB1314ASE-TR STANLEY-CRGB1314ASE-TR Datasheet
740Kb / 30P
RGB tri-color emitting LED
logo
Broadcom Corporation.
HSMF-C125 BOARDCOM-HSMF-C125 Datasheet
918Kb / 10P
Tri-Color Surface-Mount ChipLED
HSMF-C129 BOARDCOM-HSMF-C129 Datasheet
816Kb / 9P
Tri-Color Top-Mount ChipLED
logo
SparkFun Electronics
DEV-08467 SPARKFUN-DEV-08467 Datasheet
99Kb / 1P
LilyPad Tri-Color LED
10/12/2015
logo
Bivar, Inc.
3SBC-3-F BIVAR-3SBC-3-F Datasheet
57Kb / 1P
T-1(3mm) BI-COLOR/TRI-COLOR LED
08/13/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com