Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 23 Page - ams AG

Part # AS7221
Description  Calibrated XYZ tri-stimulus color sensing for direct translation to CIE 1931/1976 standard observer color MAPS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7221 Datasheet(HTML) 23 Page - ams AG

Back Button AS7221 Datasheet HTML 19Page - ams AG AS7221 Datasheet HTML 20Page - ams AG AS7221 Datasheet HTML 21Page - ams AG AS7221 Datasheet HTML 22Page - ams AG AS7221 Datasheet HTML 23Page - ams AG AS7221 Datasheet HTML 24Page - ams AG AS7221 Datasheet HTML 25Page - ams AG AS7221 Datasheet HTML 26Page - ams AG AS7221 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
ams Datasheet
Page 23
[v1-01] 2016-Dec-08
Document Feedback
AS7221 − Application Information
Schematics
Figure 27:
Chromatic Color Tuning with Networking and Spectral Sensing
Figure 28:
LED Chromatic Color Tuning with Daylighting
Application Information
100nF
Occupancy
Sensor
RX
GND
LED_IND
SCK
CSN_EE
MISO
MOSI
VDD
VDDHV
AS7221
Network
Bridge
10uF
3.3V
Flash
Memory
3.3V
MODE
OCC
TX
BLE
Wi-Fi
ZigBee
BacNet
KNX
0_10V_DIM
0..10V
Dimmer
PWM_2
PWM_3
12V
AC
PWM_1
Constant Current
LED Driver
Dimming
Control
SDA_M
ams Daylighting &
Spectral Sensing
Devices
SCL_M
(Inward Looking)
100nF
Occupancy
Sensor
RX
GND
LED_IND
SCK
CSN_EE
MISO
MOSI
VDD
VDDHV
AS7221
Network
Bridge
10uF
3.3V
Flash
Memory
3.3V
MODE
OCC
TX
BLE
Wi-Fi
ZigBee
BacNet
KNX
0_10V_DIM
0..10V
Dimmer
PWM_2
PWM_3
12V
AC
PWM_1
Constant Current
LED Driver
Dimming
Control
SDA_M
ams
TSL4531
SCL_M
(Inward Looking)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com