Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 15 Page - ams AG

Part # AS7221
Description  Calibrated XYZ tri-stimulus color sensing for direct translation to CIE 1931/1976 standard observer color MAPS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7221 Datasheet(HTML) 15 Page - ams AG

Back Button AS7221 Datasheet HTML 11Page - ams AG AS7221 Datasheet HTML 12Page - ams AG AS7221 Datasheet HTML 13Page - ams AG AS7221 Datasheet HTML 14Page - ams AG AS7221 Datasheet HTML 15Page - ams AG AS7221 Datasheet HTML 16Page - ams AG AS7221 Datasheet HTML 17Page - ams AG AS7221 Datasheet HTML 18Page - ams AG AS7221 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
ams Datasheet
Page 15
[v1-01] 2016-Dec-08
Document Feedback
AS7221 − Detailed Description
Figure 17:
0-10V Dimming Pin Input
The auxiliary sensor input (AUX) can be configured for 0-10V
analog sensing using a 5:1 resistor divider. Or, AUX can be
configured for digital sensing. Both types are common for
external occupancy sensors. If the AUX pin is not used, an
external resistor pull-up connecting it to VDD is recommended.
External sensors with native support by the AS7221, include
ams temperature/humidity sensing (ENS-210), and ams
ambient light sensing (TSL4531) can be added via the I²C master
interface. The TSL4531 is used to add daylighting to the AS7221.
Synchronization and Reset
Figure 18:
Synchronization and Reset Circuit
Synchronization and Reset Circuit: This figure shows the basic
diagram when using reset and synchronization function
together.
AS7221 provides optional synchronization of the PWMs. This
sync signal can be derived from the AC mains to enable all
luminaires in a room to be synchronized to prevent beat
frequency flicker. If the SYNC pin is left open, synchronization
is automatically disabled.
0_10V_DIM
0-10V Analog Input
AS7221
CLE
10V
0
ADC
VDD
VDDHV
3.3V
12V
0_10V
0-10V Analog Input
AS7221
CLE
10V
0
ADC
VDD
VDDHV
3.3V
5:1
Rin=200k typ.
0_10V_DIM
MODE
MODE
RMODE
RMODE
SYNC and Reset
CLE
SYNC/
RESN
Opto Co upler
AC Main
Push > 100ms
10k
optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com