Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 16 Page - ams AG

Part # AS7221
Description  Calibrated XYZ tri-stimulus color sensing for direct translation to CIE 1931/1976 standard observer color MAPS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7221 Datasheet(HTML) 16 Page - ams AG

Back Button AS7221 Datasheet HTML 12Page - ams AG AS7221 Datasheet HTML 13Page - ams AG AS7221 Datasheet HTML 14Page - ams AG AS7221 Datasheet HTML 15Page - ams AG AS7221 Datasheet HTML 16Page - ams AG AS7221 Datasheet HTML 17Page - ams AG AS7221 Datasheet HTML 18Page - ams AG AS7221 Datasheet HTML 19Page - ams AG AS7221 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-01] 2016-Dec-08
AS7221 − Detailed Description
Refer to the Figure above. When pulled down for more than
100ms the SYNC/RESN pin will reset the AS7221 Smart Lighting
Manager. In this case the push-button “overrides” the output of
the opto-coupler. Therefore a resistor should be placed in series
with the opto-coupler.
AS7221 Outputs
The AS7221 outputs, used to control dimming and LED
warm/cool strings, can be configured as either three PWM
outputs, two PWMs and one analog output, or two PWMs. The
PWMs are 12 bit and factory set to 888 Hz. Refer to the Figure
below.
The three PWM outputs, PWM_1, PWM_2 and PWM_3 all switch
with the same frequency, but are not simultaneous for better
EMI performance.
The PWM_1 output can be set to either analog (0-VDDHV) or
digital (0-VDDHV) dimming. Analog dimming range is 10-100%.
Digital Dimming range is 1-100%. PWM2 and PWM3 are used
for cool white and warm white LED color controlling. Either
string can be warm or cool as the AS7221 automatically
configures string color type. Range is 0-100% for both PWM2
and PWM3.
To set the desired device operation MODE use the appropriate
RMODE resistor, also shown in the Figure below.
Figure 19:
Outputs
Note(s):
1. For VDDHV>10.5, output max is 10V, else output max tracks VDDHV.
Indicator LED
An LED, connected to pin LED_IND, is used to indicate
programming progress of the device. During programming of
the AS7221 via an external SD card the indicator LED starts.
When programming is finished the indicator LED is off.
The LED_IND pin is set for 1mA operation by the AS7221 factory
firmware, and is not under user control.
Refer to the separate ams document for a complete description
of AS7221 Firmware Update Methodology.
MODE
RMODE
Setting
Outputs
PWM_1/0_10V_O
PWM_2 and PWM_3
0
100 Ω
0-10V analog
Analog 0-VDDHV (1)
Digital PWMs (0-VDD)
1
470 Ω
0-10V digital
Digital PWM (0-VDDHV) (1)
Digital PWMs (0-VDD)
2
1000 Ω
Digital 2-CH color tuning
n.a.
Digital PWMs (0-VDD), w/Dimming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com