Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 19 Page - ams AG

Part # AS7221
Description  Calibrated XYZ tri-stimulus color sensing for direct translation to CIE 1931/1976 standard observer color MAPS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7221 Datasheet(HTML) 19 Page - ams AG

Back Button AS7221 Datasheet HTML 15Page - ams AG AS7221 Datasheet HTML 16Page - ams AG AS7221 Datasheet HTML 17Page - ams AG AS7221 Datasheet HTML 18Page - ams AG AS7221 Datasheet HTML 19Page - ams AG AS7221 Datasheet HTML 20Page - ams AG AS7221 Datasheet HTML 21Page - ams AG AS7221 Datasheet HTML 22Page - ams AG AS7221 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
ams Datasheet
Page 19
[v1-01] 2016-Dec-08
Document Feedback
AS7221 − Detailed Description
I²C Master Interface (Local Sensor Interface)
The I²C Master interface can be used to connect external sensors
(such as daylight, occupancy, CO sensors, etc.). Refer to the
separate ams Application Note for external sensor usage with
the AS7221.
I²C Feature List
Clock is set to 100kHz
7+1-bit addressing mode.
Write formats: Single-Byte-Write, Page-Write
Read formats: Random-Read, Sequential-Read
SDA input delay and SCL spike filtering by integrated
RC-components.
I²C Protocol
Figure 22:
I²C Symbol Definition
The above I²C symbol definition table describes the symbols
used in the following mode descriptions.
Symbol
Definition
RW
Note
S
Start condition after stop
R
1 bit
Sr
Repeated start
R
1 bit
SW
Slave address for write
R
Slave address
SR
Slave address for read
R
Slave address
WA
Word address
R
8 bit
A
Acknowledge
W
1 bit
NNo acknowledge
R
1 bit
Data
Data/write
R
8 bit
Data (n)
Data/read
W
8 bit
P
Stop condition
R
1 bit
WA++
Slave increment word address
R
During acknowledge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com