Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD87310 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87310
Description  Universal Interface XGA Panel Timing Controller with RSDS??(Reduced Swing Differential Signaling) and FPD-Link
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87310 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button FPD87310 Datasheet HTML 17Page - National Semiconductor (TI) FPD87310 Datasheet HTML 18Page - National Semiconductor (TI) FPD87310 Datasheet HTML 19Page - National Semiconductor (TI) FPD87310 Datasheet HTML 20Page - National Semiconductor (TI) FPD87310 Datasheet HTML 21Page - National Semiconductor (TI) FPD87310 Datasheet HTML 22Page - National Semiconductor (TI) FPD87310 Datasheet HTML 23Page - National Semiconductor (TI) FPD87310 Datasheet HTML 24Page - National Semiconductor (TI) FPD87310 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Appendix A: GPO (General Purpose Output) Programming Examples
(Continued)
GPO Programming Example #4a:
Generate a control signal which transitions high at end of
each line, has a pulse width of 0.5 µs, and remains low dur-
ing the vertical blanking period.
This control signal is used for latch pulse to the Column Driv-
ers.
Based on 65 MHz XGA video, 1024 pixel/line,
768 lines/frame.
Horizontal time (clocks/line) = 1300 dot clocks
Vertical period (lines/frame) = 850 lines
Vertical control is active beginning at line #1 and remains ac-
tive for line #768.
GPO Vertical Start Register = 1 (0001
H)
GPO Vertical Duration Register = 768 (0300
H)
Positive pulse goes high each line at 1024 output clocks af-
ter last pixel are outputted on R, G, B.
Pulse remains high for 32 output clocks (0.5 µs/15.38 ns =
32.5).
Note: 4 pixel counts are added to the output data start # because the GPO
pixel count begins 4 clocks prior to the output data. Shown as
Figure
17 “Internal Pixel Position Counter”.
GPO Horizontal Start Register = 1028 (0404
H)
GPO Horizontal Duration Register = 32 (0020
H)
The controlled pulses are positive (bit[0] = “0”) and the toggle
circuitry is disabled (bit[1] = “0”).
GPO Control Register = 0 (00
h) (00000000B)
DS101077-24
FIGURE 21. Example #4a: GPO Vertical Scope View
DS101077-25
FIGURE 22. Example #4a: GPO Horizontal Scope View
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com