Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD87310 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87310
Description  Universal Interface XGA Panel Timing Controller with RSDS??(Reduced Swing Differential Signaling) and FPD-Link
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87310 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  FPD87310 Datasheet HTML 1Page - National Semiconductor (TI) FPD87310 Datasheet HTML 2Page - National Semiconductor (TI) FPD87310 Datasheet HTML 3Page - National Semiconductor (TI) FPD87310 Datasheet HTML 4Page - National Semiconductor (TI) FPD87310 Datasheet HTML 5Page - National Semiconductor (TI) FPD87310 Datasheet HTML 6Page - National Semiconductor (TI) FPD87310 Datasheet HTML 7Page - National Semiconductor (TI) FPD87310 Datasheet HTML 8Page - National Semiconductor (TI) FPD87310 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
DD)4V
DC Input Voltage (V
IN)
−0.3V to 4.0V
DC Output Voltage (V
OUT)
−0.3V to V
DD +0.3V
Storage Temperature Range
(T
STG)
−65˚C to +150˚C
Lead Temperature (T
L)
(Soldering 10 sec.)
260˚C
ESD Rating:
HBM
≥2kV
MM
≥200V
Operating Conditions
Min
Max Units
Supply Voltage (V
DD)
3.0
3.6
V
Operating Temp Range (T
A)
0
70
˚C
Operating Frequency (f
CLK)
67
MHz
Electrical Characteristics
DC ELECTRICAL CHARACTERISTICS V
DD = 3.3V ± 0.3V, VSS = 0.0V (Unless otherwise specified).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OH
Minimum High Level Output
Voltage
V
DD = 3.3V, IOH =8mA
2.2
V
V
OL
Maximum Low Level Output
Voltage
V
DD = 3.3V, IOL =8mA
0.8
V
V
IH
Minimum High Level Input Voltage
2.0
V
V
IL
Maximum Low Level Input Voltage
0.8
V
I
IN
Input Current
V
IN =VSS to VDD
−10
10
µA
I
DD
Supply Current
f
CLK = 65 MHz, RPI = 13kΩ, See
Figure 1
140
mA
FPD-Link (LVDS) RECEIVER INPUT (RxCLK+/−, RxIN[y]+/−; y = 0, 1, 2, 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IHLVDS
LVDS Input High Level Threshold
Voltage
V
CMLVDS = +1.2V (Note 2)
+100
mV
V
ILLVDS
LVDS Input Low Level Threshold
Voltage
V
CMLVDS = +1.2V (Note 2)
−100
mV
V
CMLVDS
LVDS Input Common Mode
Voltage Range
V
DIFFLVDS = ± 100 mV (Note 2)
1.25
V
I
IN
LVDS Input Current
V
IN = +2.4V, VCC = 3.6V
±10
µA
V
IN = 0V, VCC = 3.6V
±10
µA
RSDS TRANSMITTER OUTPUT (RSCKP/N, RSx[y]P/N; x = R, G, B y = 0, 1, 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OHRSDS
RSDS High Differential Output
Voltage
V
CMRSDS = +1.3V ± 5% (Note 3)
+150
+200
mV
V
OLRSDS
RSDS Low Differential Output
Voltage
V
CMRSDS = +1.3V ± 5% (Note 3)
−200
−150
mV
V
CMRSDS
RSDS Common Mode Output
Voltage
V
DIFFRSDS = ± 200 mV (Note 3)
1.3
V
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
Note 2: VCMLVDS =(VRxCLK+ +VRxCLK−)/2 or VCMLVDS =(VRxIN[y]+ +VRxIN[y]−)/2; y = 0, 1, 2, 3.
VDIFFLVDS =VRxCLK+ −VRxCLK− or VDIFFLVDS =VRxIN[y]+ −VRxIN[y]−; y = 0, 1, 2, 3
Note 3: VCMRSDS =(VRSCKP +VRSCKN)/2 or VCMRSDS =(VRSx[y]P +VRSx[y]N)/2; x = R, G, B y = 0, 1, 2
VDIFFRSDS =VRSCKP −VRSCKN or VDIFFRSDS =VRSx[y]P −VRSx[y]N;x = R,G,By = 0,1,2
The Termination Resister for differential line between positive and negative output is 100
Ω.
Pin “PI” is connected to ground by 13.0 k
Ω. This parameter is Guaranteed by Design.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com