Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD87310 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87310
Description  Universal Interface XGA Panel Timing Controller with RSDS??(Reduced Swing Differential Signaling) and FPD-Link
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87310 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  FPD87310 Datasheet HTML 1Page - National Semiconductor (TI) FPD87310 Datasheet HTML 2Page - National Semiconductor (TI) FPD87310 Datasheet HTML 3Page - National Semiconductor (TI) FPD87310 Datasheet HTML 4Page - National Semiconductor (TI) FPD87310 Datasheet HTML 5Page - National Semiconductor (TI) FPD87310 Datasheet HTML 6Page - National Semiconductor (TI) FPD87310 Datasheet HTML 7Page - National Semiconductor (TI) FPD87310 Datasheet HTML 8Page - National Semiconductor (TI) FPD87310 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AC Electrical Characteristics
FPD-Link INPUT TIMING V
DD = 3.3V ± 0.3V, VSS = 0.0V (Unless otherwise specified).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RPLLS
FPD-Link Receiver Phase Lock
Loop Wake-up Time
10
ms
RSKM
RxIN Skew Margin (Note 4)
V
DD = 3.3V, TA = 25˚C
400
ps
Note 4: Receiver Skew Margin is defined as the valid data sampling region at the receiver inputs.
This margin takes into account transmitter output skew (TCCS) and the setup and hold time (internal data sampling window) allowing for FPD-Link LVDS cable skew
dependent on type/length of cable, and source clock (FPD-Link Transmitter TxCLK IN) jitter.
RSKM
≤ cable skew (type, length) + source clock jitter (cycle to cycle). The specified RSKM minimum assumes a TPPOSmax limit of 200ps (65MHz). This parameter
is Guaranteed by Design.
DS101077-6
FIGURE 1. FPD87310 Input I
DD Test Pattern
DS101077-7
SW
Setup and Hold Time (internal data sampling window)
TCCS
Transmitter Output Skew
RSKM
≥ Cable Skew (type, length) + Source Clock Jitter (cycle to cycle)
Cable Skew Typically 10 ps - 40 ps per foot.
FIGURE 2. FPD87310 (FPD-Link Receiver) Input Skew Margin
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com