Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD87310 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87310
Description  Universal Interface XGA Panel Timing Controller with RSDS??(Reduced Swing Differential Signaling) and FPD-Link
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87310 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button FPD87310 Datasheet HTML 9Page - National Semiconductor (TI) FPD87310 Datasheet HTML 10Page - National Semiconductor (TI) FPD87310 Datasheet HTML 11Page - National Semiconductor (TI) FPD87310 Datasheet HTML 12Page - National Semiconductor (TI) FPD87310 Datasheet HTML 13Page - National Semiconductor (TI) FPD87310 Datasheet HTML 14Page - National Semiconductor (TI) FPD87310 Datasheet HTML 15Page - National Semiconductor (TI) FPD87310 Datasheet HTML 16Page - National Semiconductor (TI) FPD87310 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Programmable Registers (Continued)
TABLE 1. FPD87310 Programmable Register Definition (Continued)
Control
Registers
EEPROM
Address
The CONTROL REGISTER provide more setting information to the
input and output interfaces.
Control Register
(8 bits)
(a+8)
[0]
Output polarity - defines active high or active low output
“0” - Normal output (active high)
“1” - Inverted output (active low)
[1]
Toggle circuit Enable/Disable
“0” - Toggle circuitry Disabled; Normal GPO output
“1” - Toggle circuitry Enabled
[2]
Automatic Frame Size Detection
GPO[1:0].
“0” - Normal Operation.
“1” - Used with Toggle circuitry to create a “continuous” REV signal. The value of
the Vertical Duration Register is overwritten.
GPO[9:2].
“0” - Normal Operation.
“1” - Early Start capability.
The value in the Vertical Start Register is subtracted from the total number of
lines/frames (auto-detected) to determine the vertical start position.
[4:3]
GPO[9:1] Combination Select.
“00” - Select GPO[x] as programmed. (No combination function).
“01” - Select GPO[x] “ANDed” with GPO[x-1].
“10” - Select GPO[x] “ORed” with GPO[x-1].
“11” - Select GPO[x] and GPO[x-1] on alternating frames.
[6:5]
Power-up sequence delay.
“00” - Outputs active after 1st VSYNC after EEPROM download.
“01” - Outputs active after 2nd VSYNC after EEPROM download.
“10” - Outputs active after 3rd VSYNC after EEPROM download.
“11” - Outputs actve after 4th VSYNC after EEPROM download.
[7]
Open Drain Output Control
“0” - Outputs are Normal Operation. (sink/source drive current)
“1” - Outputs are Open Drain. (sink current only)
TABLE 2. Internal Default Register Values and EEPROM Memory Map
No
Address
Bits
Control Register
Register Name
Default Values
FF–EF
not used/not loaded
Init#1
Init#2
Init#3
56
E4
8
GPO9 Control Register
reg_gpo9_cont
30
09
55
E3
E2
11
GPO9 Vertical Duration
reg_gpo9_Icount
00 00 00 00
54
E1
E0
11
GPO9 Vertical Start
reg_gpo9_Istart
00 01 00 01
53
DF
DE
11
GPO9 Horizontal Duration
reg_gpo9_pcount
00 40 00 40
52
DC
DD
11
GPO9 Horizontal Start
reg_gpo9_pstart
03 86 03 86
51
DB
8
GPO8 Control Register
reg_gpo8_cont
21
09
50
DA
D9
11
GPO8 Vertical Duration
reg_gpo8_Icount
00 00 00 01
49
D8
D7
11
GPO8 Vertical Start
reg_gpo8_Istart
00 01 00 01
48
D6
D5
11
GPO8 Horizontal Duration
reg_gpo8_pcount
00 00 00 40
47
D4
D3
11
GPO8 Horizontal Start
reg_gpo8_pstart
00 01 01 C2
46
D2
8
GPO7 Control Register
reg_gpo7_cont
00
09
45
D1
D0
11
GPO7 Vertical Duration
reg_gpo7_Icount
00 00 00 01
44
CF
CE
11
GPO7 Vertical Start
reg_gpo7_Istart
00 00 00 01
43
CD
CC
11
GPO7 Horizontal Duration
reg_gpo7_pcount
00 00 00 40
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com