Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD87310 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87310
Description  Universal Interface XGA Panel Timing Controller with RSDS??(Reduced Swing Differential Signaling) and FPD-Link
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87310 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  FPD87310 Datasheet HTML 1Page - National Semiconductor (TI) FPD87310 Datasheet HTML 2Page - National Semiconductor (TI) FPD87310 Datasheet HTML 3Page - National Semiconductor (TI) FPD87310 Datasheet HTML 4Page - National Semiconductor (TI) FPD87310 Datasheet HTML 5Page - National Semiconductor (TI) FPD87310 Datasheet HTML 6Page - National Semiconductor (TI) FPD87310 Datasheet HTML 7Page - National Semiconductor (TI) FPD87310 Datasheet HTML 8Page - National Semiconductor (TI) FPD87310 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
FPD87310
Universal Interface XGA Panel Timing Controller with
RSDS™ (Reduced Swing Differential Signaling) and
FPD-Link
General Description
The FPD87310 Panel Timing Controller is an integrated
FPD-Link + RSDS + TFT-LCD Timing Controller. It resides
on the Flat Panel Display and provides the interface signal
routing and Timing Control between Graphics or Video Con-
trollers and a TFT-LCD system. FPD-Link, a low power, low
EMI (ElectroMagnetic Interference) interface is used be-
tween this Controller and the Host system.
A RSDS (Reduced Swing Differential Signaling) Column
Driver interface is used between the Timing Controller and
the Column Drivers.
Programmable, General Purpose Outputs provide Row and
Column Driver control. The FPD87310 is configured via
metal mask initialization value or an optional external serial
EEPROM. Reserved space in the EEPROM is available for
display identification information. The system can access the
EEPROM to read the display identification data or program
initialization values used by the FPD87310.
This single 9-bit+CLK differential bus conveys the 18 bits
color data for XGA panels at 130 Mb/s when using VESA 60
Hz standard timing.
Features
n
RSDS (Reduced Swing Differential Signaling) Column
Driver bus for low power and reduced EMI
n
Drives RSDS Column Drivers at 130 Mb/s with a 65
MHz clock
n
6- or 8-bit LVDS Video System Interface (FPD-Link)
n
10 General Purpose Outputs for Column/Row Drivers
n
Optional EEPROM programming allows fine tuning in
development and production environments
n
Selectable dual initialization value sets to share parts for
the different model panel module
n
Ability to drive XGA/SVGA TFT-LCD Systems
n
Narrow 9-bit+CLK differential Column Driver Bus
minimizes width of Source PCB
n
CMOS circuitry operates from a 3.3V supply
n
Supports Graphics Controllers with spread spectrum
interface featurefor lower EMI
System Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS101077-1
PRELIMINARY
May 2000
© 2000 National Semiconductor Corporation
DS101077
www.national.com


Similar Part No. - FPD87310

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
FPD87346 NSC-FPD87346 Datasheet
105Kb / 3P
Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling (RSDS?? Outputs
logo
Texas Instruments
FPD87346 TI1-FPD87346 Datasheet
100Kb / 5P
Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller
FPD87346BXA TI1-FPD87346BXA Datasheet
453Kb / 22P
FPD87346BXA Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controllerwith Reduced Swing Differential Signaling (RSDS) Outputs
FPD87346BXA TI1-FPD87346BXA_13 Datasheet
637Kb / 18P
Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller
logo
National Semiconductor ...
FPD87346VS NSC-FPD87346VS Datasheet
105Kb / 3P
Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling (RSDS?? Outputs
More results

Similar Description - FPD87310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM2116 ETC-GM2116 Datasheet
182Kb / 2P
ANALOG-INTERFACE ONPANEL XGA LCD CONTROLLER WITH RSDS TRANSMITTER
logo
National Semiconductor ...
FPD87208 NSC-FPD87208 Datasheet
1Mb / 20P
2.5V Low EMI, Low Dynamic Power XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling RSDS??Outputs
FPD87346 NSC-FPD87346 Datasheet
105Kb / 3P
Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling (RSDS?? Outputs
FPD63310 NSC-FPD63310 Datasheet
38Kb / 2P
UNIVERSAL INTERFACE XGA PANEL TIMING CONTROLLER REDUCED SWING DIFFERENTIAL SIGNALING
FPD87370AXA NSC-FPD87370AXA Datasheet
461Kb / 2P
Low EMI Low Dynamic Power VGA/XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling RSDS Outputs
logo
Texas Instruments
FPD87346BXA TI1-FPD87346BXA Datasheet
453Kb / 22P
FPD87346BXA Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controllerwith Reduced Swing Differential Signaling (RSDS) Outputs
FPD87370 TI1-FPD87370 Datasheet
201Kb / 6P
FPD87370AXA Low EMI, Low Dynamic Power VGA/XGA/WXGA TFT-LCD Timing Controllerwith Reduced Swing Differential Signaling (RSDS) Outputs
logo
THine Electronics, Inc.
THC63LVDM83D THINE-THC63LVDM83D Datasheet
101Kb / 12P
REDUCED SWING LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE
THC63LVDM83C-5S THINE-THC63LVDM83C-5S Datasheet
522Kb / 13P
REDUCED SWING LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE
THC63LVDM83C5S THINE-THC63LVDM83C5S Datasheet
121Kb / 12P
REDUCED SWING LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com