Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD87310 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87310
Description  Universal Interface XGA Panel Timing Controller with RSDS??(Reduced Swing Differential Signaling) and FPD-Link
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87310 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button FPD87310 Datasheet HTML 2Page - National Semiconductor (TI) FPD87310 Datasheet HTML 3Page - National Semiconductor (TI) FPD87310 Datasheet HTML 4Page - National Semiconductor (TI) FPD87310 Datasheet HTML 5Page - National Semiconductor (TI) FPD87310 Datasheet HTML 6Page - National Semiconductor (TI) FPD87310 Datasheet HTML 7Page - National Semiconductor (TI) FPD87310 Datasheet HTML 8Page - National Semiconductor (TI) FPD87310 Datasheet HTML 9Page - National Semiconductor (TI) FPD87310 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AC Electrical Characteristics (Continued)
RSDS (Reduced Swing Differential Signalling) Output Timing, these parameters are Guaranteed by Design.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SPD1
SP Rising from RSCK Rising
C
L = 15 pF
0
3.0
ns
SPD2
SP Falling from RSCK Rising
C
L = 15 pF
0
3.0
ns
GPD1
GPO[9:0] Rising from RSCK Rising
C
L = 15 pF
0
14
ns
GPD2
GPO[9:0] Falling from RSCK Rising
C
L = 15 pF
0
14
ns
RCHP
RSDS Clock (RSCK) High Period
R
T = 100Ω,CT =5 pF
I
PI = 100 µA,
f=65MHz
7.0
ns
RCLP
RSDS Clock (RSCK) Low Period
R
T = 100Ω,CT =5 pF
I
PI = 100 µA,
f=65MHz
7.0
ns
RSTU
RSR,G,B Setup to Falling or Rising Edge
of RSCK,
Register Output Format Control = 0010
R
T = 100Ω,CT =5 pF
I
PI = 100 µA,
f=65MHz,
3.8
ns
RHLD
RSR,G,B Hold from Falling or Rising Edge
of RSCK,
Register Output Format Control = 0010
R
T = 100Ω,CT =5 pF
I
PI = 100 µA,
f=65MHz
0.2
ns
DS101077-10
DS101077-11
DS101077-12
FIGURE 7. FPD87310 RSDS Output Timing Diagram
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com