Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD87310 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87310
Description  Universal Interface XGA Panel Timing Controller with RSDS??(Reduced Swing Differential Signaling) and FPD-Link
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87310 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button FPD87310 Datasheet HTML 13Page - National Semiconductor (TI) FPD87310 Datasheet HTML 14Page - National Semiconductor (TI) FPD87310 Datasheet HTML 15Page - National Semiconductor (TI) FPD87310 Datasheet HTML 16Page - National Semiconductor (TI) FPD87310 Datasheet HTML 17Page - National Semiconductor (TI) FPD87310 Datasheet HTML 18Page - National Semiconductor (TI) FPD87310 Datasheet HTML 19Page - National Semiconductor (TI) FPD87310 Datasheet HTML 20Page - National Semiconductor (TI) FPD87310 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Timing Definition (Continued)
Timing Modes
The FPD87310 has Three Input Timing Operation Mode.
1.
Fixed
Vertical/Fixed
Horizontal
Mode.
(FIX_VERT/FIX_HORIZ)
2.
Fixed
Vertical/ENAB
Horizontal
Mode.
(FIX_VERT/ENAB_HORIZ/FIX_HORIZ)
3.
ENAB Only Mode.
Input Timing Operation Mode can be programmed by input
pin “FIX_VERT”, and “FIX_HORIZ”
FIX_
VERT
FIX_
HORIZ
ENAB
Tog-
gling
Operation Mode
0
0
Yes
ENAB ONLY
1
0
Yes
FIX_VERT/FIX_HORIZ/ENAB
1
1
X
FIX_VERT/FIX_HORIZ
ENAB ONLY MODE
FIX_VERT=”0”, FIX_HORIZ=”0”, ENAB is Toggling
DS101077-21
If RSTZ is required long time constant delay or start slow ramping up
supply (VDD), NOT recommended to use this reset circuit.
DS101077-22
FIGURE 19. Suggested Power-Up Resetting Circuit
DS101077-23
FIGURE 20. ENAB ONLY MODE and Internally Generated Timing
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com