Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD87310 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87310
Description  Universal Interface XGA Panel Timing Controller with RSDS??(Reduced Swing Differential Signaling) and FPD-Link
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87310 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button FPD87310 Datasheet HTML 18Page - National Semiconductor (TI) FPD87310 Datasheet HTML 19Page - National Semiconductor (TI) FPD87310 Datasheet HTML 20Page - National Semiconductor (TI) FPD87310 Datasheet HTML 21Page - National Semiconductor (TI) FPD87310 Datasheet HTML 22Page - National Semiconductor (TI) FPD87310 Datasheet HTML 23Page - National Semiconductor (TI) FPD87310 Datasheet HTML 24Page - National Semiconductor (TI) FPD87310 Datasheet HTML 25Page - National Semiconductor (TI) FPD87310 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Appendix A: GPO (General
Purpose Output) Programming
Examples (Continued)
GPO Programming Example #4b:
Generate a control signal which transitions low 20 output
clocks after the beginning of each output line, has a pulse-
width (low) of 12 µs, and goes high during horizontal blank-
ing.
This control signal is used as an output enable for the Row
Drivers.
Based on 65 MHz XGA video, 1024 pixel/line,
768 lines/frame.
Horizontal time (clocks/line) = 1300 dot clocks.
Vertical period (lines/frame) = 850 lines.
Vertical control is active beginning at line #2 and remains ac-
tive for line #768.
GPO Vertical Start Register = 2 (0002
H)
GPO Vertical Duration Register = 768 (0300
H)
Negative pulse goes low each line at 20 output clocks after
first pixel data are outputted on R, G, B. Pulse remains low
for 780 output clocks (12 µs/15.38 ns = 780).
Note: 4 pixel counts are added to the output data start # because the GPO
pixel count begins 4 clocks prior to output data. (Shown as “
Figure 17
Internal Pixel Position Counter”.
GPO Horizontal Start Register = 24 (0018
H)
GPO Horizontal Duration Register = 780 (030c
H)
The controlled pulses are negative (bit[0] = “1”) and the
toggle circuitry is disabled (bit[1] = “0”).
GPO Control Register = 1 (01
H) (00000001B)
DS101077-26
FIGURE 23. Example #4b: GPO Vertical Scope View
DS101077-27
FIGURE 24. Example #4b: GPO Horizontal Scope View
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com