Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C366 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # P83C366
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C366 Datasheet(HTML) 4 Page - NXP Semiconductors

  P83C366 Datasheet HTML 1Page - NXP Semiconductors P83C366 Datasheet HTML 2Page - NXP Semiconductors P83C366 Datasheet HTML 3Page - NXP Semiconductors P83C366 Datasheet HTML 4Page - NXP Semiconductors P83C366 Datasheet HTML 5Page - NXP Semiconductors P83C366 Datasheet HTML 6Page - NXP Semiconductors P83C366 Datasheet HTML 7Page - NXP Semiconductors P83C366 Datasheet HTML 8Page - NXP Semiconductors P83C366 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
1999 Mar 10
4
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
2
GENERAL DESCRIPTION
The P8xCx66 family consists of the following devices:
• P83C266
• P83C366
• P83C566
• P83C766
• P87C766.
The P8xCx66 family are 80C51-based microcontrollers
designed for medium-high to high-end TV control
applications. The P8xCx66 devices incorporate many
unique features on-chip, giving them a competitive edge
over similar devices from other manufacturers.
The Philips 80C51 CPU is object code compatible with the
industry standard 80C51. All devices are manufactured in
an advanced CMOS technology.
The P8xCx66 family also function as arithmetic processors
having facilities for both binary and BCD arithmetic plus bit
handling capabilities. The instruction set consists of over
100 instructions: 49 one-byte, 46 two-byte and
16 three-byte. Multiply and divide instructions are
implemented by hardware with a cycle time of 4
µs
(fCLK = 12 MHz).
The term P8xCx66 is used throughout this data sheet to
refer to all family members; differences between devices
are highlighted in the text.
Table 1
Memory structure for the different family members
3
ORDERING INFORMATION
MEMORY
P83C266
P83C366
P83C566
P83C766
P87C766
ROM
24 kbytes
32 kbytes
48 kbytes
64 kbytes
−
RAM
512 bytes
512 bytes
1 kbyte
1 kbyte
2 kbytes
EPROM
−−−−
64 kbytes
Main memory
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
Auxiliary RAM
256 bytes
256 bytes
768 bytes
768 bytes
1792 bytes
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
P83C266BDR
SDIP42
plastic shrink dual in-line package; 42 leads (600 mil)
SOT270-1
P83C366BDR
P83C366CBP
P83C566BDR
P83C766BDP
P87C766BDR
P87C766CBP
P83C366BDA
PLCC68
plastic leaded chip carrier; 68 leads
SOT188-2
P83C566BDA
P83C766BDA
P87C766CBA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com