Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C366 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # P83C366
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C366 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button P83C366 Datasheet HTML 65Page - NXP Semiconductors P83C366 Datasheet HTML 66Page - NXP Semiconductors P83C366 Datasheet HTML 67Page - NXP Semiconductors P83C366 Datasheet HTML 68Page - NXP Semiconductors P83C366 Datasheet HTML 69Page - NXP Semiconductors P83C366 Datasheet HTML 70Page - NXP Semiconductors P83C366 Datasheet HTML 71Page - NXP Semiconductors P83C366 Datasheet HTML 72Page - NXP Semiconductors P83C366 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
1999 Mar 10
69
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
17.16 FB to RGB delay compensation
The P8xCx66 is connected to an analog video mixer. In the past analog mixers had different delays between FB and
RGB. To compensate for these differences, FB to RGB delay compensation is implemented on-chip. The delay time is
selected using the OSFBD register.
The delay compensation can be done with a resolution of 1
⁄2fOSC. The OSC clock runs at 4 times the OSD clock
frequency for OSD frequencies from 4 up to 6.75 MHz, and at 2 times the OSD clock frequency from OSD frequencies
from 6.75 MHz up to 12 MHz. At 4 MHz the delay unit is 33 ns, at 6.5 MHz the delay unit is 19 ns, at 8 MHz the delay
unit is 33 ns, at 10 MHz the delay unit is 25 ns and at 12 MHz the delay unit is 21 ns.
17.16.1 OSD FB DELAY REGISTER (OSFBD)
Table 79 OSD FB Delay Register (SFR address C7H)
Table 80 Description of OSFBD bits
Table 81 Selection of FB to RGB delay
76543210
−−−
0
FBD3
FBD2
FBD1
FBD0
BIT
SYMBOL
DESCRIPTION
7to5
−
These 3 bits are not used.
4
−
This bit must be set to a logic 0. If set to a logic 1, the character font will come from
internal logic instead of character ROM.
3 to 0
FBD3 to FB
D0
FB to RGB delay select. These 4 bits select the delay unit multiple that will determine
the delay time between FB and RGB; see Table 81.
FBD3
FBD2
FBD1
FBD0
DECIMAL
VALUE
FB to RGB DELAY
1111
−7
Delay RGB with 7 units in relation to FB.
1110
−6
Delay RGB with 6 units in relation to FB.
1101
−5
Delay RGB with 5 units in relation to FB.
1100
−4
Delay RGB with 4 units in relation to FB.
1011
−3
Delay RGB with 3 units in relation to FB.
1010
−2
Delay RGB with 2 units in relation to FB.
1001
−1
Delay RGB with 1 units in relation to FB.
10000
Delay RGB with 0 unit in relation to FB.
0000
+0
Delay FB with 0 unit in relation to RGB.
0001
+1
Delay FB with 1 unit in relation to RGB.
0010
+2
Delay FB with 2 units in relation to RGB.
0011
+3
Delay FB with 3 units in relation to RGB.
0100
+4
Delay FB with 4 units in relation to RGB.
0101
+5
Delay FB with 5 units in relation to RGB.
0110
+6
Delay FB with 6 units in relation to RGB.
0111
+7
Delay FB with 7 units in relation to RGB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com