Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C366 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # P83C366
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C366 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button P83C366 Datasheet HTML 52Page - NXP Semiconductors P83C366 Datasheet HTML 53Page - NXP Semiconductors P83C366 Datasheet HTML 54Page - NXP Semiconductors P83C366 Datasheet HTML 55Page - NXP Semiconductors P83C366 Datasheet HTML 56Page - NXP Semiconductors P83C366 Datasheet HTML 57Page - NXP Semiconductors P83C366 Datasheet HTML 58Page - NXP Semiconductors P83C366 Datasheet HTML 59Page - NXP Semiconductors P83C366 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 92 page
background image
1999 Mar 10
56
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
17.5.1.3
Space code 1 and Space code 2
If bits <11-5> hold 7FH, then this is a space code. One of
two space codes can be selected: Space code 1 and
Space code 2.
Space code 2 always displays a transparent pattern, equal
to one character width, on the screen regardless of which
primary mode and sub-mode is selected. Space code 1
only differs from Space code 2 when in the Box shadowing
sub-mode. In this mode SP1 displays a 12
× 18 dot matrix
pattern filled with the background colour whilst SP2
displays a transparent pattern. See Figs 37 and 38.
Selection of a specific space code is determined by the
state of bit 0 as detailed in Table 69.
Table 69 Selection of Space code
Bits <4-1> determine the background colour of the
characters that follow the space code dependent upon the
sub-mode selected, see Figs 35 and 36.
BIT 0
SPACE CODE
0
Space code 1 is selected.
1
Space code 2 is selected.
• In North-West shadowing sub-mode the background
colour is the colour of the bit pattern shadow
• In Box shadowing sub-mode the background colour is
the colour within the character 12
× 18 dot matrix where
no foreground character bits are present
• In the Superimpose sub-mode there is no background
colour
• In the Border shadowing sub-mode the background
colour is the colour of the border bit pattern.
17.5.1.4
Summary of CR, SP1 and SP2 functions
• Carriage Return code:
– Ends the current display row and uses the character
in the display RAM next to this CR code as the first
character of next display row
– Selects the character size of next display row
– Selects the character sub-mode of next display row
– Indicates the end of display for present screen.
• Space code 1 and Space code 2:
– Inserts transparent pattern in a row of characters
– Selects the background colour of the characters
following this space code.
Table 70 Format of Character font code
Table 71 Format of Carriage Return code
Table 72 Format of Space code
11
10
9876543210
Character Font code (00H to 7CH)
Foreground colour
Blink
C6
C5
C4
C3
C2
C1
C0
T4
T3
T2
T1
T0
11
10
9876543210
Carriage Return code (7EH)
Character size
Mode
End
C6
C5
C4
C3
C2
C1
C0
T4
T3
T2
T1
T1
11
10
9876543210
Space code 1 and Space code 2 (7FH)
Background colour
0
SP1
SP2
C6
C5
C4
C3
C2
C1
C0
T4
T3
T2
T1
T0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com