Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C366 Datasheet(PDF) 84 Page - NXP Semiconductors

Part # P83C366
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C366 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button P83C366 Datasheet HTML 80Page - NXP Semiconductors P83C366 Datasheet HTML 81Page - NXP Semiconductors P83C366 Datasheet HTML 82Page - NXP Semiconductors P83C366 Datasheet HTML 83Page - NXP Semiconductors P83C366 Datasheet HTML 84Page - NXP Semiconductors P83C366 Datasheet HTML 85Page - NXP Semiconductors P83C366 Datasheet HTML 86Page - NXP Semiconductors P83C366 Datasheet HTML 87Page - NXP Semiconductors P83C366 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 92 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Notes
1. A pull-up resistor must be present to prevent a floating input during normal/alternative mode when no external signal is applied to the pad.
Pull-up = present internally.
2. All ports are in input mode after reset; that means the value at the pin is determined by the external circuitry: pull-up registers Rext (and/or external
applied input).
3. A pull-up resistor must be present to prevent floating (digital) inputs if the pad is used for the analog inputs ADCO, ADCI and ADC2. This pull-up is
also present if these pins are used as port function. Pull-up is internally.
4. These pins are standard I/O cells SPF20PGD (2 mA PP slew-rate controlled).
5. A pull-up resistor must be present to prevent a floating input during nominal/alternative mode when no external signal is applied to the pad.
Pull-up = present internally.
6. Inverse of the Bp bit (located in OSCON).
7. After reset the Bp bit (located in OSCON) = 1, therefore output becomes LOW.
8. Its pull-down resistor is present internally (see Section 13.2).
9. For the SDIP42 package, pin P1.0 can be exchanged for a VSS or VDD, pin P1.7 for a VSS.
10. For the PLCC68 package, pin P1.0 can be exchanged for a VDD line.
11. Output is HIGH via external resistor.
−
61
n.c.
−−
−
−
−
−
37
62
P1.3
I/O
TTL STr
open-drain
Yes
original state
Z(2)
37
62
INT0
I
TTL STr
−−
−
−
38
63
P1.4
I/O
TTL STr
open-drain
Yes
original state
Z(2)
38
63
T1
I
TTL STr
−−
−
−
39
64
P1.5
I/O
TTL STr
open-drain
Yes
original state
Z(2)
39
64
SCL
I/O
TTL STr
open-drain
Yes
HIGH(11)
−
40
65
P1.6
I/O
TTL STr
open-drain
Yes
original state
Z(2)
40
65
SDA
I/O
TTL STr
open-drain
Yes
HIGH(11)
−
41
66
P1.7
I/O
TTL STr
open-drain + Rpu(5) Yes
original state
Z(2)
41
−
VSS
−
note 9
−−
−
−
−
67
VSS
−−
−
−
−
−
42
68
VDD
−−
−
−
−
−
PIN
SYMBOL
TYPE
INPUT LEVEL
OUTPUT TYPE
SLOPE
CONTROL
OUTPUT IN
IDLE MODE
OUTPUT
AFTER RESET
ACTIVE STATE
SW CONTROL
SDIP42
PLCC68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com