Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C366 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # P83C366
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C366 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button P83C366 Datasheet HTML 49Page - NXP Semiconductors P83C366 Datasheet HTML 50Page - NXP Semiconductors P83C366 Datasheet HTML 51Page - NXP Semiconductors P83C366 Datasheet HTML 52Page - NXP Semiconductors P83C366 Datasheet HTML 53Page - NXP Semiconductors P83C366 Datasheet HTML 54Page - NXP Semiconductors P83C366 Datasheet HTML 55Page - NXP Semiconductors P83C366 Datasheet HTML 56Page - NXP Semiconductors P83C366 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 92 page
background image
1999 Mar 10
53
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
17.3.5
OSD START REGISTER (OSSTART)
Table 58 OSD Start Register (SFR address C5H)
Table 59 Description of OSSTART bits
17.3.6
OSD CONTROL REGISTER 2 (OSCON2)
Table 60 OS Control Register 2 (SFR address CFH)
Table 61 Description of OSCON2 bits
76543210
START7
START6
START5
START4
START3
START2
START1
START0
BIT
SYMBOL
DESCRIPTION
7START7
RAM start address. These 7 bits specify the display RAM address from which the first
character will be fetched. The display RAM address is from 0 to 191 decimal, or
00 to BF hexadecimal.
6START6
5START5
4START4
3START3
2START2
1START1
0START0
76543210
−−−
TCEN
R
G
B
−
BIT
SYMBOL
DESCRIPTION
7
−
These 3 bits are reserved.
6
−
5
−
4
TCEN
Test Code Enable. When TCEN = 1, the content of the space from character ROM is
displayed. This is valid for Space 1 and Space 2. The default value of TCEN is a logic 0.
This feature is for testing purposes only.
3R
Background colour selection. These 3 bits select the background colour of the
TV screen in the Frame mode. The default background colour is blue.
2G
1B
0
−
This bit is reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com