Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C366 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # P83C366
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C366 Datasheet(HTML) 5 Page - NXP Semiconductors

  P83C366 Datasheet HTML 1Page - NXP Semiconductors P83C366 Datasheet HTML 2Page - NXP Semiconductors P83C366 Datasheet HTML 3Page - NXP Semiconductors P83C366 Datasheet HTML 4Page - NXP Semiconductors P83C366 Datasheet HTML 5Page - NXP Semiconductors P83C366 Datasheet HTML 6Page - NXP Semiconductors P83C366 Datasheet HTML 7Page - NXP Semiconductors P83C366 Datasheet HTML 8Page - NXP Semiconductors P83C366 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MGL302
6
6
8-bit internal bus
8-BIT
WATCHDOG
TIMER
(T3)
ROM
32 KBYTES(1)
OR
EPROM
64 KBYTES(2)
RAM
512 BYTES(1)
OR
2 KBYTES(2)
8
× 7-BIT
DACS
3
× 4-BIT
ADCS
14-BIT DAC
ON SCREEN DISPLAY
(OSD)
PLL
P0
internal
interrupts
external
interrupts
8
P1
8
P5
PWM0 to PWM7(4)
VPP
RESET
I2C-BUS
INTERFACE
ADC1(5)
ADC2(5)
ADC0(5)
SDA(3) SCL(3)
TWO 16-BIT
TIMER/
COUNTERS
(T0 AND T1)
T0(3)
T1(3)
VSSD
VDDD
FUNCTION
COMBINED
PARALLEL
I/O PORTS
PARALLEL
I/O PORT
CPU
80C51 CORE
EXCLUDING
ROM/RAM
XTALIN
XTALOUT
TPWM(4)
R
B
G
FB
HSYNC
P8xCx66
VSYNC
VDDA
VSSA
8
4
P3
Fig.1 P83C366 and P87C766 block diagram.
(1) For the P83C366.
(2) For the P87C766.
(3) Alternative functions of Port 1.
(4) Alternative functions of Port 5, except PWM7 which is an alternative function of Port 3.
(5) Alternative functions of Port 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com