Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C366 Datasheet(PDF) 79 Page - NXP Semiconductors

Part # P83C366
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C366 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button P83C366 Datasheet HTML 75Page - NXP Semiconductors P83C366 Datasheet HTML 76Page - NXP Semiconductors P83C366 Datasheet HTML 77Page - NXP Semiconductors P83C366 Datasheet HTML 78Page - NXP Semiconductors P83C366 Datasheet HTML 79Page - NXP Semiconductors P83C366 Datasheet HTML 80Page - NXP Semiconductors P83C366 Datasheet HTML 81Page - NXP Semiconductors P83C366 Datasheet HTML 82Page - NXP Semiconductors P83C366 Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 92 page
background image
1999 Mar 10
79
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
21.3
AC characteristics of Programming mode
Table 90 Timing for programming Program EPROM and OSD EPROM; see Fig.48
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
tsu(A)
address set-up time
2
−−
µs
th(A)
address hold time
20
−−
ns
tsu(D)
data set-up time
2
−−
ns
th(D)
data hold time
20
−−
ns
tsu(PV)
programming voltage set-up time
2
−−
µs
tW(P)
programming pulse width
90
100
110
µs
th(WE)
write enable hold time
110
−−
ns
tsu(OE)
output enable set-up time
2
−−
µs
tACC(OE)
output enable access verify
−−
20
ns
tsu(CE)
chip enable set-up time
2
−−
µs
tOZ
output to high impedance verify
14
−−
ns
tW(OE)
output enable pulse width
300
−−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com