Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C366 Datasheet(PDF) 66 Page - NXP Semiconductors

Part # P83C366
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C366 Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button P83C366 Datasheet HTML 62Page - NXP Semiconductors P83C366 Datasheet HTML 63Page - NXP Semiconductors P83C366 Datasheet HTML 64Page - NXP Semiconductors P83C366 Datasheet HTML 65Page - NXP Semiconductors P83C366 Datasheet HTML 66Page - NXP Semiconductors P83C366 Datasheet HTML 67Page - NXP Semiconductors P83C366 Datasheet HTML 68Page - NXP Semiconductors P83C366 Datasheet HTML 69Page - NXP Semiconductors P83C366 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
1999 Mar 10
66
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
17.12 Maximum number of characters per row
The number of characters per row is a function of the OSD
clock frequency and the TV standard used.
The active video signal period of a horizontal line is
53.5
µs. However, in order to reduce jittering at the screen
edge, overscan is normally applied by the TV
manufacturer and this reduces the visible video signal
period to 48.15
µs.
The examples given below show how the number of
characters per row and the character width may be
obtained for the NTSC 525LPF/60 Hz TV standard using
different OSD clock frequencies.
17.12.1 NTSC 525LPF/60 Hz; f
OSD =6MHZ
• As fOSD = 6 MHz; TOSD = 0.1666 µs
• The number of visible dots on one horizontal line is 290
(48.15
µs/0.1666 µs)
• Each character is composed of a 12 x 18 dot matrix;
therefore the maximum number of characters on one
line is 24 (290/12)
• If a 19 inch TV screen is used, the width of a horizontal
line is approximately 370 mm and this gives a character
width of 15.4 mm (370/24).
17.12.2 NTSC 525LPF/60 HZ;f
OSD =10MHZ
• As fOSD = 10 MHz; TOSD = 0.1 µs
• The number of visible dots on one horizontal line is 481
(48.15
µs/0.1 µs)
• Each character is composed of a 12 x 18 dot matrix;
therefore the maximum number of characters on one
line is 40
• If a 19 inch TV screen is used, the width of a horizontal
line is approximately 370 mm and this gives a character
width of 9.25 mm.
17.13 Maximum number of rows per frame
The number of rows per frame is a function of the number
of active lines per display field and the number of vertical
dots in the character matrix (which is 18). The number of
rows per frame (N) is calculated as shown below.
The two examples shown below illustrate how the
maximum number of rows per frame is obtained for
different TV scanning standards.
17.13.1 NTSC 525LPF/60 HZ
The number of active lines per field for this standard is
between 241.5 and 249 H. If the value of 241 is used then
the maximum number of rows per frame is 13.
17.13.2 PAL 625LPF/50 HZ
The number of active lines per field for this standard is 280.
Therefore, the maximum number of rows per frame is 15.
N
number of active lines per field
18
---------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com