Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM64 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM64
Description  짹1째C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIO?셲
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM64 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button LM64 Datasheet HTML 21Page - National Semiconductor (TI) LM64 Datasheet HTML 22Page - National Semiconductor (TI) LM64 Datasheet HTML 23Page - National Semiconductor (TI) LM64 Datasheet HTML 24Page - National Semiconductor (TI) LM64 Datasheet HTML 25Page - National Semiconductor (TI) LM64 Datasheet HTML 26Page - National Semiconductor (TI) LM64 Datasheet HTML 27Page - National Semiconductor (TI) LM64 Datasheet HTML 28Page - National Semiconductor (TI) LM64 Datasheet HTML 29Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
3.0 Application Notes (Continued)
3.2 USE OF THE LOOKUP TABLE FOR NON-LINEAR
PWM VALUES VS TEMPERATURE
The Lookup Table, Registers 50 through 5F, can be used to
create a non-linear PWM vs Temperature curve that could be
used to reduce the acoustic noise from processor fan due to
linear or step transfer functions. An example is given below:
EXAMPLE:
In a particular system it was found that the best acoustic fan
noise performance was found to occur when the PWM vs
Temperature transfer function curve was parabolic in shape.
From 25˚C to 105˚C the fan is to go from 20% to 100%.
Since there are 8 steps to the Lookup Table we will break up
the Temperature range into 8 separate temperatures. For the
80˚C over 8-steps = 10˚C per step. This takes care of the
x-axis.
For the PWM Value, we first select the PWM Frequency. In
this example we will make the PWM Frequency (Register
4C) 20.
For 100% Duty Cycle then, the PWM value is 40. For 20%
the minimum is 40 x (0.2) = 8.
We can then arrange the PWM, Temperature pairs in a
parabolic fashion in the form of y = 0.005
• (x −25)
2 +8
Temperature
PWM Value
Calculated
Closest PWM
Value
25
8.0
8
35
8.5
9
45
10.0
10
55
12.5
13
65
16.0
16
75
20.5
21
85
26.0
26
95
32.5
33
105
40.0
40
We can then program the Lookup Table with the temperature
and Closest PWM Values required for the curve required in
our example.
3.3 NON-IDEALITY FACTOR AND TEMPERATURE
ACCURACY
The LM64 can be applied to remote diode sensing in the
same way as other integrated-circuit temperature sensors. It
can be soldered to a printed-circuit board, and because the
path of best thermal conductivity is between the die and the
pins, its temperature will effectively be that of the printed-
circuit board lands and traces soldered to its pins. This
presumes that the ambient air temperature is nearly the
same as the surface temperature of the printed-circuit board.
If the air temperature is much higher or lower than the
surface temperature, the actual temperature of the LM64 die
will be an intermediate temperature between the surface and
air temperatures. Again, the primary thermal conduction path
is through the leads, so the circuit board surface temperature
will contribute to the die temperature much more than the air
temperature.
To measure the temperature external to the die use a remote
diode. This diode can be located on the die of the target IC,
such as a CPU processor chip, allowing measurement of the
IC’s temperature, independent of the LM64’s temperature.
The LM64 has been optimized for use with a MMBT3904
diode-connected transistor.
A discrete diode can also be used to sense the temperature
of external objects or ambient air. Remember that a discrete
diode’s temperature will be affected, and often dominated by,
the temperature of its leads.
Most silicon diodes do not lend themselves well to this
application. It is recommended that a diode-connected
MMBT3904 transistor be used. The base of the transistor is
connected to the collector and becomes the anode. The
emitter is the cathode.
3.3.1 Diode Non_Ideality
When a transistor is connected to a diode the following
relationship holds for V
be, T, and IF:
where
•
q = 1.6x10
−19 Coulombs (the electron charge)
•
T = Absolute Temperature in Kelvin
•
k = 1.38x10
−23 joules/K (Boltzmann’s constant)
•
η is the non-ideality factor of the manufacturing process
used to make the thermal diode
•
I
s = Saturation Current and is process dependent
•
I
f = Forward Current through the base emitter junction
•
V
be = Base Emitter Voltage Drop
In the active region, the −1 term is negligible and may be
eliminated, yielding the following equation
In the above equation,
η and I
s are dependent upon the
process that was used in the fabrication of the particular
diode. By forcing two currents with a very controlled ratio (N)
and measuring the resulting voltage difference, it is possible
to eliminate the I
s term. Solving for the forward voltage
difference yields the relationship:
The non-ideality factor,
η, is the only other parameter not
accounted for and depends on the diode that is used for
measurement. Since
∆V
be is proportional to both
η and T, the
variations in
η cannot be distinguished from variations in
temperature. Since the temperature sensor does not control
the non-ideality factor, it will directly add to the inaccuracy of
the sensor.
www.national.com
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com