Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM64 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM64
Description  짹1째C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIO?셲
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM64 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM64 Datasheet HTML 1Page - National Semiconductor (TI) LM64 Datasheet HTML 2Page - National Semiconductor (TI) LM64 Datasheet HTML 3Page - National Semiconductor (TI) LM64 Datasheet HTML 4Page - National Semiconductor (TI) LM64 Datasheet HTML 5Page - National Semiconductor (TI) LM64 Datasheet HTML 6Page - National Semiconductor (TI) LM64 Datasheet HTML 7Page - National Semiconductor (TI) LM64 Datasheet HTML 8Page - National Semiconductor (TI) LM64 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LM64
±1˚C Remote Diode Temperature Sensor with PWM Fan
Control and 5 GPIO’s
General Description
The LM64 is a remote diode temperature sensor with PWM
fan control. The LM64 accurately measures its own tempera-
ture and that of a remote diode. The LM64 remote tempera-
ture accuracy is factory trimmed for a MMBT3904 diode-
connected
transistor
with
a
16˚C
offset
for
high
temperatures. T
ACTUAL DIODE JUNCTION =TLM64 + 16˚C
The LM64 features a PWM, open-drain, fan control output, 5
GPIO (General Purpose Input/Output) and 5 GPD (General
Purpose Default) pins. The 8-step Lookup Table allows for a
non-linear fan speed vs. temperature transfer function often
used to quiet acoustic fan noise.
Features
n
Accurately senses remote and local diode temperatures
n
Integrated PWM fan speed control output
n
Programmable 8-step Lookup Table for quieting fans
n
ALERT and T_Crit open-drain outputs
n
Tachometer input for measuring fan RPM
n
10 bit plus sign remote diode temperature data format,
with 0.125˚C resolution
n
SMBus 2.0 compatible interface, supports TIMEOUT
n
5 General Purpose Input/Output pins
n
5 General Purpose Default input pins
n
24-pin LLP package
Key Specifications
n
Remote Diode Temperature Accuracy (includes
quantization error)
Ambient Temp
Diode Temp
Max Error
30˚C to 50˚C
120˚C to 140˚C
±1.0˚C (max)
0˚C to 85˚C
25˚C to 140˚C
±3.0˚C (max)
n
Local Temp Accuracy (includes quantization error)
Ambient Temp
Max Error
25˚C to 125˚C
±3.0˚C (max)
n
Power Supply Requirements
Supply DC Voltage
3.0 V to 3.6 V
Supply DC Current
1.1 mA (typ)
Applications
n
Computer Processor Thermal Management
n
Graphics Processor Thermal Management
n
Voltage Regulator Modules
n
Electronic Instrumentation
n
Power Supplies
n
Projectors
Connection Diagram
20065501
December 2003
© 2003 National Semiconductor Corporation
DS200655
www.national.com


Similar Part No. - LM64

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM64 TI1-LM64 Datasheet
1Mb / 38P
Remote Diode Temperature Sensor
LM64 TI2-LM64 Datasheet
1Mb / 42P
LM64 ±1°C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIOs
REVISED JANUARY 2024
logo
Shanghai Leiditech Elec...
LM6401 LEIDITECH-LM6401 Datasheet
519Kb / 2P
SOT-23 Plastic-Encapsulate MOSFETS
logo
List of Unclassifed Man...
LM6402A ETC1-LM6402A Datasheet
347Kb / 8P
E/D MOS LSI
logo
Sanyo Semicon Device
LM6402G SANYO-LM6402G Datasheet
644Kb / 15P
N CHANNEL E/D MOS LSI 4 BIT MICROCOMPUTER
More results

Similar Description - LM64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Burr-Brown (TI)
TMP421 BURR-BROWN-TMP421 Datasheet
575Kb / 26P
짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Silicon Standard Corp.
SS8018 SSC-SS8018 Datasheet
289Kb / 14P
짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
LM96063 TI1-LM96063 Datasheet
495Kb / 44P
LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
짹1째C Remote and Local TEMPERATURE SENSOR
LM63 TI-LM63 Datasheet
1Mb / 41P
The LM63 is a remote diode temperature sensor with integrated fan control.
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
짹1째C Remote and Local TEMPERATURE SENSOR
logo
Global Mixed-mode Techn...
G784 GMT-G784 Datasheet
178Kb / 1P
짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
LM99 TI-LM99_15 Datasheet
1Mb / 30P
LM99 짹1째C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
LM96063 TI1-LM96063_14 Datasheet
1Mb / 46P
Remote Diode Digital Temperature Sensor with Integrated Fan Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com