Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM64 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM64
Description  짹1째C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIO?셲
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM64 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button LM64 Datasheet HTML 20Page - National Semiconductor (TI) LM64 Datasheet HTML 21Page - National Semiconductor (TI) LM64 Datasheet HTML 22Page - National Semiconductor (TI) LM64 Datasheet HTML 23Page - National Semiconductor (TI) LM64 Datasheet HTML 24Page - National Semiconductor (TI) LM64 Datasheet HTML 25Page - National Semiconductor (TI) LM64 Datasheet HTML 26Page - National Semiconductor (TI) LM64 Datasheet HTML 27Page - National Semiconductor (TI) LM64 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
2.0 LM64 Registers (Continued)
Conversion Rate And One-Shot Registers
ADDRESS
Hex
Read/
Write
Bits
POR
Value
Name
Description
04 (0A)
HEX CONVERSION RATE REGISTER (8-bits)
04 (0A)
R/W
7:0
0x08
Conversion
Rate
Sets the conversion rate of the LM64.
00000000 = 0.0625 Hz
00000001 = 0.125 Hz
00000010 = 0.25 Hz
00000011 = 0.5 Hz
00000100 = 1 Hz
00000101 = 2 Hz
00000110 = 4 Hz
00000111 = 8 Hz
00001000 = 16 Hz
00001001 = 32 Hz
All other values = 32 Hz
04 (0A)
HEX ONE-SHOT REGISTER (8-bits)
0F
Write
Only
7:0
N/A
One Shot
Trigger
With the LM64 in the STANDBY mode a single write to this register will
initiate one complete temperature conversion cycle.
ID Registers
ADDRESS
Hex
Read/
Write
Bits
POR
Value
Name
Description
FF
HEX STEPPING / DIE REVISION ID REGISTER (8-bits)
FF
Read
Only
7:0
0x51
Stepping/Die
Revision ID
Version of LM64
FE
HEX MANUFACTURER’S ID REGISTER (8-bits)
FE
Read
Only
7:0
0x01
Manufacturer’s ID
0x01 = National Semiconductor
General Purpose Registers
ADDRESS
Hex
Read/
Write
Bits
POR
Value
Name
Description
1A
HEX GENERAL PURPOSE INPUT REGISTER (8-bits)
1A
Read
Only
7:5
000
These bits are unused and always set to 0.
4:0
(Note 17)
General
Purpose
Input
These 5 bits reflect the logic states of the GPIOx pins.
1B
HEX GENERAL PURPOSE OUTPUT REGISTER (8-bits)
1B
R/W
7:5
000
These bits are unused and always set to 0.
4:0
(Note 18)
General
Purpose
Output
These 5 bits reflect the GPI register bits [4:0] except for
Power-On-Default when they are the 5 logic states of the
General Pupose Default (GPD) input pins.
Note 17: For Register 0x1A the Power-On-Reset for the five LSB’s are the logic states present on the 5 GPIOx pins.
Note 18: For Register 0x1B the Power-On-Reset for the five LSB’s are the logic states present on the 5 GPDx pins.
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com