Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM64 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM64
Description  짹1째C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIO?셲
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM64 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM64 Datasheet HTML 8Page - National Semiconductor (TI) LM64 Datasheet HTML 9Page - National Semiconductor (TI) LM64 Datasheet HTML 10Page - National Semiconductor (TI) LM64 Datasheet HTML 11Page - National Semiconductor (TI) LM64 Datasheet HTML 12Page - National Semiconductor (TI) LM64 Datasheet HTML 13Page - National Semiconductor (TI) LM64 Datasheet HTML 14Page - National Semiconductor (TI) LM64 Datasheet HTML 15Page - National Semiconductor (TI) LM64 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
1.0 Functional Description (Continued)
1.5 TEMPERATURE DATA FORMAT
Temperature data can only be read from the Local and
Remote Temperature registers. The High, Low and T_CRIT
setpoint registers are Read/Write.
Remote temperature data is represented by an 11-bit, two’s
complement word with a Least Significant Bit (LSB) equal to
0.125˚C. The data format is a left justified 16-bit word avail-
able in two 8-bit registers. Some examples of temperature
conversions are shown below.
Actual vs. LM64 Remote Temperature Conversion
Actual Remote Diode
Temperature,˚C
LM64 Remote Diode
Temperature Register, ˚C
Binary Results in LM64
Remote Temperature Register
Hex Remote
Temperature
Register
120
+104
0110 1000 0000 0000
6800h
125
+109
0110 1101 0000 0000
6D00h
126
+110
0110 1110 0000 0000
6E00h
130
+114
0111 0010 0010 0000
7200h
135
+119
0111 0111 0000 0000
7700h
140
+124
0111 1100 0000 0000
7C00h
Output is 11-bit two’s complement word. LSB = 0.125 ˚C.
Actual vs. Remote T_Crit Setpoint Example
Actual Remote Diode
T_Crit Setpoint,˚C
Remote T_CRIT
High Setpoint, ˚C
Binary Remote T_CRIT
High Setpoint Value
Hex Remote T_CRIT
High Setpoint Value
126
+110
0110 1110
6Eh
Local Temperature data is represented by an 8-bit, two’s
complement byte with an LSB equal to 1˚C:
Temperature
Digital Output
Binary
Hex
+125˚C
0111 1101
7D
+25˚C
0001 1001
19
+1˚C
0000 0001
01
0˚C
0000 0000
00
−1˚C
1111 1111
FF
−25˚C
1110 0111
E7
−55˚C
1100 1001
C9
1.6 OPEN-DRAIN OUTPUTS, INPUTS, AND PULL-UP
RESISTORS
The SMBDAT, ALERT, T_Crit, GPIO and PWM open-drain
outputs and the GPD, TACH, and A0 inputs are pulled-up by
pull-up resistors to V
DDas suggested in the table below.
Pin Name
Pin Number
Suggested Pull-up Resistor
Range
Typical
SMBCLK
17
1 k
Ω to2kΩ
1.5 k
SMBDAT
16
1 k
Ω to2kΩ
1.5 k
ALERT
14
1 k
Ω to5kΩ
3k
T_Crit
8
1 k
Ω to5kΩ
3k
A0
12
5 k
Ω to 20 kΩ
10 k
GPIOx
1-3;18,19
5 k
Ω to 20 kΩ
10 k
GPDx
20-24
5 k
Ω to 20 kΩ
10 k
PWM
4
(Note 14)
(Note 14)
TACH
15
1 k
Ω to5kΩ
3k
Note 14: Depends on the fan drive circuitry connected to this pin. In the
absence of fan control circuitry usea1k
Ω pull-up resistor to VDD.
1.7 DIODE FAULT DETECTION
The LM64 can detect fault conditions caused by the remote
diode. If the D+ pin is detected to be shorted to V
DD, or open:
(1) the Remote Temperature High Byte (RTHB) register is
loaded with 127˚C, (2) the Remote Temperature Low Byte
(RTLB) register is loaded with 0, and (3) the OPEN bit (D2)
in the status register is set. Therefore, if the Remote T_CRIT
setpoint register (RCS): (1) is set to a value less than +127˚C
and (2) the ALERT Mask is disabled, then the ALERT output
pin will be pulled low. If the Remote High Setpoint High Byte
(RHSHB) is set to a value less than +127˚C and (2) the
ALERT Mask is disabled, then the ALERT and T_Crit out-
puts will be pulled low. The OPEN bit by itself will not trigger
an ALERT.
If the D+ pin is shorted to either ground or D−, then the
Remote Temperature High Byte (RTHB) register is loaded
with −128˚C (1000 0000) and the OPEN bit in the ALERT
Status Register will not be set. A temperature reading of
−128˚C indicates that D+ is shorted to either ground or D-. If
the value in the Remote Low Setpoint High Byte (RLSHB)
Register is more than −128˚C and the ALERT Mask is Dis-
abled, ALERT will be pulled low.
1.8 COMMUNICATING WITH THE LM64
Each data register in the LM64 falls into one of four types of
user accessibility:
1.
Read Only
2.
Write Only
3.
Read/Write same address
4.
Read/Write different address
A Write to the LM64 is comprised of an address byte and a
command byte. A write to any register requires one data
byte.
Reading the LM64 Registers can take place after the requi-
site register setup sequence takes place. See Section 2.1.1
LM64 Required Initial Fan Control Register Sequence.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com