Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM64 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM64
Description  짹1째C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIO?셲
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM64 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM64 Datasheet HTML 11Page - National Semiconductor (TI) LM64 Datasheet HTML 12Page - National Semiconductor (TI) LM64 Datasheet HTML 13Page - National Semiconductor (TI) LM64 Datasheet HTML 14Page - National Semiconductor (TI) LM64 Datasheet HTML 15Page - National Semiconductor (TI) LM64 Datasheet HTML 16Page - National Semiconductor (TI) LM64 Datasheet HTML 17Page - National Semiconductor (TI) LM64 Datasheet HTML 18Page - National Semiconductor (TI) LM64 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
2.0 LM64 Registers
The following pages include: Section 2.1, a Register Map in Hexadecimal Order, which shows a summary of all registers and their
bit assignments, Section 2.2, a Register Map in Functional Order, and Section 2.3, a detailed explanation of each register. Do not
address the unused or manufacturer’s test registers.
2.1 LM64 REGISTER MAP IN HEXADECIMAL ORDER
The following is a Register Map grouped in hexadecimal address order. Some address locations have been left blank to maintain
compatibility with LM86. Addresses in parenthesis are mirrors of “Same As” address for backwards compatibility with some older
software. Reading or writing either address will access the same 8-bit register.
Register
0x[HEX]
Register Name
DATA BITS
D7
D6
D5
D4
D3
D2
D1
D0
00
Local Temperature
LT7
LT6
LT5
LT4
LT3
LT2
LT1
LT0
01
Rmt Temp MSB
RTHB±
RTHB14
RTHB13
RTHB12
RTHB11
RTHB10
RTHB9
RTHB8
02
ALERT Status
BUSY
LHIGH
0
RHIGH
RLOW
RDFA
RCRIT
TACH
03
Configuration
ALTMSK
STBY
PWMDIS
0
0
ALT/TCH
TCRITOV
FLTQUE
04
Conversion Rate
0
0
0
0
CONV3
CONV2
CONV1
CONV0
05
Local High Setpoint
LHS7
LHS6
LHS5
LHS4
LHS3
LHS2
LHS1
LHS0
06
[Reserved]
Not Used
07
Rmt High Setpoint MSB RHSHB15 RHSHB14 RHHBS13 RHSHB12 RHSHB11 RHSHB10
RHSHB9
RHSHB8
08
Rmt Low Setpoint MSB
RLSHB15 RLSHB14 RLSHB13 RLSHB12
RLHBS11
RLSHB10
RLSHB9
RLSHB8
(09)
Same as 03
(0A)
Same as 04
(0B)
Same as 05
0C
[Reserved]
Not Used
(0D)
Same as 07
(0E)
Same as 08
0F
One Shot
Write Only. Write command triggers one temperature conversion cycle.
10
Rmt Temp LSB
RTLB7
RTLB6
RTLB5
00000
11
Rmt Temp Offset MSB
RTOHB15 RTOHB14 RTOHB13 RTOHB12 RTOHB11 RTOHB10
RTOHB9
RTOHB8
12
Rmt Temp Offset LSB
RTOLB7
RTOLB6
RTOLB5
00000
13
Rmt High Setpoint LSB
RHSLB7
RHSLB6
RHSLB5
00000
14
Rmt Low Setpoint LSB
RLSLB7
RLSLB6
RLSLB5
00000
15
[Reserved]
Not Used
16
ALERT Mask
1
ALTMSK6
1
ALTMSK4 ALTMSK3
1
ALTMSK1 ALTMSK0
17
[Reserved]
Not Used
18
[Reserved]
Not Used
19
Rmt TCRIT Setpoint
RCS7
RCS6
RCS5
RCS4
RCS3
RCS2
RCS1
RCS0
1A
General Purpose Input
0
0
0
GPI5
GPI4
GPI3
GPI2
GPI1
1B
General Purpose Output
0
0
0
GPO5
GPO4
GPO3
GPO2
GPO1
1C–1F
[Reserved]
Not Used
20
[Reserved]
Not Used
21
Rmt TCRIT Hysteresis
RTH7
RTH6
RTH5
RTH4
RTH3
RTH2
RTH1
RTH0
22–2F
[Reserved]
Not Used
30–3F
[Reserved]
Not Used
40–45
[Reserved]
Not Used
46
Tach Count LSB
TCLB5
TCLB4
TCLB3
TCLB2
TCLB1
TCLB0
TEDGE1
TEDGE0
47
Tach Count MSB
TCHB13
TCHB12
TCHB11
TCHB10
TCHB9
TCHB8
TCHB7
TCHB6
48
Tach Limit LSB
TLLB7
TLLB6
TLLB5
TLLB4
TLLB3
TLLB2
Not Used
Not Used
49
Tach Limit MSB
TLHB15
TLHB14
TLHB13
TLHB12
TLHB11
TLHB10
TLHB9
TLHB8
4A
PWM and RPM
0
0
PWPGM
PWOUT±
PWCKSL
0
TACH1
TACH0
4B
Fan Spin-Up Config
0
0
SPINUP
SPNDTY1 SPNDTY0 SPNUPT2 SPNUPT1 SPNUPT0
4C
PWM Value
0
0
PWVAL5
PWVAL4
PWVAL3
PWVAL2
PWVAL1
PWVAL0
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com