Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM64 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM64
Description  짹1째C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIO?셲
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM64 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM64 Datasheet HTML 1Page - National Semiconductor (TI) LM64 Datasheet HTML 2Page - National Semiconductor (TI) LM64 Datasheet HTML 3Page - National Semiconductor (TI) LM64 Datasheet HTML 4Page - National Semiconductor (TI) LM64 Datasheet HTML 5Page - National Semiconductor (TI) LM64 Datasheet HTML 6Page - National Semiconductor (TI) LM64 Datasheet HTML 7Page - National Semiconductor (TI) LM64 Datasheet HTML 8Page - National Semiconductor (TI) LM64 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Absolute Maximum Ratings (Notes 1,
2)
Supply Voltage, V
DD
−0.3 V to 6.0 V
Voltage on SMBDAT, SMBCLK,
ALERT, T_Crit, PWM Pins
−0.5 V to 6.0 V
Voltage on Other Pins
−0.3 V to (V
DD +0.3V)
Input Current, D− Pin
±1mA
Input Current at All Other Pins (Note 3)
5 mA
Package Input Current (Note 3)
30 mA
Package Power Dissipation
(Note 5)
SMBDAT, ALERT, T_Crit, PWM pins
Output Sink Current
10 mA
Storage Temperature
−65˚C to +150˚C
ESD Susceptibility (Note 4)
Human Body Model
2000 V
Machine Model
200 V
SMT Soldering Information
See National Semiconductor Application Note AN-1187,
"Leadless Leadframe Package" for information on SMT
Assembly using LLP Packages. This is available at
http://www.national.com/an/AN/AN-1187.pdf.
Operating Ratings (Notes 1, 2)
LM64 Operating Temperature Range
0˚C
≤ T
A
≤ +85˚C
Remote Diode Temperature Range
25˚C
≤ T
D
≤ +140˚C
Electrical Characteristics
T
MIN
≤ T
A
≤ T
MAX
Supply Voltage Range (V
DD)
+3.0 V to +3.6 V
DC Electrical Characteristics
TEMPERATURE-TO-DIGITAL CONVERTER CHARACTERISTICS The following specifications apply for V
DD = 3.0 VDC to
3.6 VDC, and all analog source impedance R
S =50
Ω unless otherwise specified in the conditions. Boldface limits apply for
T
A =TMIN to TMAX; all other limits TA = +25˚C.
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
(Limits)
Temperature Error using a diode-connected
MMBT3904 transistor. T
D is the Remote
Diode Junction Temperature.
T
D =TLM64 + 16˚C
T
A = +30˚C to
+50˚C
T
D = +120˚C to
+140˚C
±1
˚C (max)
T
A = +0˚C to
+85˚C
T
D = +25˚C to
+140˚C
±3
˚C (max)
Temperature Error Using the Local Diode
T
A = +25˚C to +125˚C (Note 10)
±1
±3
˚C (max)
Remote Diode Resolution
11
Bits
0.125
˚C
Local Diode Resolution
8
Bits
1˚C
Conversion Time of All Temperatures
Fastest Setting
31.25
34.4
ms (max)
D− Source Voltage
0.7
V
Diode Source Current
(V
D+ −VD−) = +0.65 V; High
Current
160
315
µA (max)
110
µA (min)
Low Current
13
20
µA (max)
7
µA (min)
Operating Electrical Characteristics
Parameter
Conditions
Typ
(Note 7)
Limits
(Note 8)
Units
ALERT, T_Crit and PWM Output Saturation
Voltage
ALERT, T_Crit
PWM
I
OUT
4mA
6 mA
0.4
V (max)
I
OUT
6mA
0.55
Power-On-Reset Threshold Voltage
2.4
V (max)
1.8
V (min)
Supply Current (Note 9)
SMBus Inactive, 16 Hz
Conversion Rate
1.1
2.0
mA (max)
STANDBY Mode
320
µA
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com