Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM64 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM64
Description  짹1째C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIO?셲
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM64 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM64 Datasheet HTML 18Page - National Semiconductor (TI) LM64 Datasheet HTML 19Page - National Semiconductor (TI) LM64 Datasheet HTML 20Page - National Semiconductor (TI) LM64 Datasheet HTML 21Page - National Semiconductor (TI) LM64 Datasheet HTML 22Page - National Semiconductor (TI) LM64 Datasheet HTML 23Page - National Semiconductor (TI) LM64 Datasheet HTML 24Page - National Semiconductor (TI) LM64 Datasheet HTML 25Page - National Semiconductor (TI) LM64 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
2.0 LM64 Registers (Continued)
Local Temperature And Local High Setpoint Registers
ADDRESS
Hex
Read/
Write
Bits
POR
Value
Name
Description
00
HEX LOCAL TEMPERATURE REGISTER (8-bits)
00
Read
Only
7:0
N/A
Local Temperature Reading (8-bit)
8-bit temperature of the LM64.
05 (0B)
HEX LOCAL HIGH SETPOINT REGISTER (8-bits)
05
R/W
7:0
0x46
(70˚)
Local HIGH Setpoint
High Setpoint for the internal diode.
Remote Diode Temperature, Offset And Setpoint Registers
ADDRESS
Hex
Read/
Write
Bits
POR
Value
Name
Description
01
Read
Only
7:0
N/A
Remote Diode
Temperature
Reading (MSB)
This is the MSB of the LM64 remote diode temperature value, 2’s
complement. Bit 7 is the sign bit, bit 6 has a weight 64˚C, and bit 0 has
a weight of 1˚C. Read this byte first. The actual remote diode
temperature is 16˚C higher than the values in registers 0x01 and 0x10.
10
Read
Only
7:5
N/A
Remote Diode
Temperature
Reading (LSB)
This is the LSB of the LM64 remote diode temperature value, in 2’s
complement. Bit 7 has a weight 0.5˚C, bit 6 has a weight of 0.25˚C, and
bit 5 has a weight of 0.125˚C. The actual remote diode temperature is
16˚C higher than the values in registers 0x01 and 0x10.
4:0
00
Always 00.
11
R/W
7:5
00
Remote
Temperature
OFFSET (MSB)
These registers contain the offset value added to, or subtracted from, the
remote diode’s reading to compensate for the different non-ideality
factors of different processors, diodes, etc. The 2’s complement value, in
these registers is added to the output of the LM64’s ADC to form the
temperature reading contained in registers 01 and 10.
12
R/W
7:5
00
Remote
Temperature
OFFSET (LSB)
4:0
00
Always 00.
07 (0D)
R/W
7:0
0x46
(70˚C)
Remote HIGH
Setpoint (MSB)
High setpoint temperature for remote diode. Same format as Remote
Temperature Reading (registers 01 and 10).
13
R/W
7:5
00
Remote HIGH
Setpoint (LSB)
4:0
00
Always 00.
08 (0E)
R/W
7:0
00
(0˚C)
Remote LOW
Setpoint (MSB)
Low setpoint temperature for remote diode. Same format as Remote
Temperature Reading (registers 01 and 10).
14
R/W
7:5
00
Remote LOW
Setpoint (LSB)
4:0
00
Always 00.
19
R/W
7:0
0x55
(85˚C)
Remote Diode
T_CRIT Limit
This 8-bit integer storing the T_CRIT limit is initially 85˚C (101˚C actual
remote T_Crit limit). This value can be changed at any time after
power-up.
21
R/W
7:0
0x0A
(10˚C)
Remote Diode
T_CRIT
Hysteresis
8-bit integer storing T_CRIT hysteresis. T_CRIT stays activated until the
remote diode temperature goes below [(T_CRIT Limit) — (T_CRIT
Hysteresis)].
BF
R/W
7:3
00000
These bits are unused and should always set to 0.
2:1
00
Remote Diode
Temperature
Filter
00: Filter Disabled
01: Filter Level 1 (minimal filtering, same as 10)
10: Filter Level 1 (minimal filtering, same as 01)
11: Filter Level 2 (maximum filtering)
00
Comparator
Mode
0: the ALERT pin functions as an Interrupt or ARA mode.
1: the ALERT pin behaves as a comparator, asserting itself when an
ALERT condition exists, de-asserting itself when the ALERT condition
goes away.
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com