Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM64 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM64
Description  짹1째C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIO?셲
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM64 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM64 Datasheet HTML 7Page - National Semiconductor (TI) LM64 Datasheet HTML 8Page - National Semiconductor (TI) LM64 Datasheet HTML 9Page - National Semiconductor (TI) LM64 Datasheet HTML 10Page - National Semiconductor (TI) LM64 Datasheet HTML 11Page - National Semiconductor (TI) LM64 Datasheet HTML 12Page - National Semiconductor (TI) LM64 Datasheet HTML 13Page - National Semiconductor (TI) LM64 Datasheet HTML 14Page - National Semiconductor (TI) LM64 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
1.0 Functional Description (Continued)
2.
Master sends a START followed by the Alert Response
Address (ARA) with a Read Command.
3.
Alerting Device(s) send ACK.
4.
Alerting Device(s) send their address. While transmitting
their address, alerting devices sense whether their ad-
dress has been transmitted correctly. (The LM64 will
reset its ALERT output and set the ALERT Mask bit once
its complete address has been transmitted successfully.)
5.
Master/slave NoACK
6.
Master sends STOP
7.
Master attends to conditions that caused the ALERT to
be triggered. The ALERT Status Register is read and fan
started, setpoints adjusted, etc.
8.
Master resets the ALERT Mask bit in the Configuration
Register.
The ARA, 000 1100, is a general call address. No device
should ever be assigned to this address.
The ALERT Configuration bit in the Remote Diode Tempera-
ture Filter and Comparator Mode Register must be set low in
order for the LM64 to respond to the ARA command.
The ALERT output can be disabled by setting the ALERT
Mask bit in the Configuration Register. The power-on default
is to have the ALERT Mask bit and the ALERT Configuration
bit low.
1.3 SMBus INTERFACE
Since the LM64 operates as a slave on the SMBus, the
SMBCLK line is an input and the SMBDAT line is bi-
directional. The LM64 never drives the SMBCLK line and it
does not support clock stretching. The LM64 has two
hardware-selectable 7-bit slave addresses. The user may
input a logical High or Low on the A0 Address pin to select
one of the two pre-programmed SMBus slave addresses.
The options are as follows:
A0
Pin
SMBus
Address
0x[Hex]
SMBus Slave Address Bits
A6
A5
A4
A3
A2
A1
A0
0
18
001100
0
1
4E
100111
0
1.4 POWER-ON RESET (POR) DEFAULT STATES
For information on the POR default states see Section 2.2
LM64 Register Map in Functional Order.
20065509
FIGURE 6. ALERT Output as an SMBus ALERT
Temperature Response Diagram
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com