Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CPMC Datasheet(PDF) 36 Page - Cypress Semiconductor

Part # MB91F577CPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CPMC Datasheet(HTML) 36 Page - Cypress Semiconductor

Back Button MB91F577CPMC Datasheet HTML 32Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 33Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 34Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 35Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 36Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 37Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 38Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 39Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 40Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 36 of 163
MB91570 Series
Pin Number
Pin Name
I/O Circuit Type
Function Description
93
DVCC
-
Power Supply pin for SMC high current
94
DVSS
-
GND pin for SMC high current
95
P080
K
General-Purpose I/O Port
PWM1P4
SMC Output pin ch.4
AN24
ADC Analog Input pin ch.24
SIN6_0
LIN_UART Serial Input pin ch.6 relocation 0
PPG16_0
PPG Output pin ch.16 relocation 0
AIN0_2
Up/down Counter AIN Input pin ch.0 relocation 2
96
P081
K
General-Purpose I/O Port
PWM1M4
SMC Output pin ch.4
AN25
ADC Analog Input pin ch.25
SOT6_0
LIN_UART Serial Output pin ch.6 relocation 0
PPG17_0
PPG Output pin ch.17 relocation 0
BIN0_2
Up/down Counter BIN Input pin ch.0 relocation 2
97
P082
K
General-Purpose I/O Port
PWM2P4
SMC Output pin ch.4
AN26
ADC Analog Input pin ch.26
SCK6_0
LIN_UART Serial Clock I/O pin ch.6 relocation 0
PPG18_0
PPG Output pin ch.18 relocation 0
ZIN0_2
Up/down Counter ZIN Input pin ch.0 relocation 2
98
P083
K
General-Purpose I/O Port
PWM2M4
SMC Output pin ch.4
AN27
ADC Analog Input pin ch.27
ICU0_2
Input Capture Input pin ch.0 relocation 2
PPG19_0
PPG Output pin ch.19 relocation 0
99
P084
K
General-Purpose I/O Port
PWM1P5
SMC Output pin ch.5
AN28
ADC Analog Input pin ch.28
ICU1_2
Input Capture Input pin ch.1 relocation 2
PPG20_0
PPG Output pin ch.20 relocation 0
100
P085
K
General-Purpose I/O Port
PWM1M5
SMC Output pin ch.5
AN29
ADC Analog Input pin ch.29
ICU2_2
Input Capture Input pin ch.2 relocation 2
PPG21_0
PPG Output pin ch.21 relocation 0
101
P086
K
General-Purpose I/O Port
PWM2P5
SMC Output pin ch.5
101
AN30
K
ADC Analog Input pin ch.30
ICU3_2
Input Capture Input pin ch.3 relocation 2
PPG22_0
PPG Output pin ch.22 relocation 0
102
P087
K
General-Purpose I/O Port
PWM2M5
SMC Output pin ch.5
AN31
ADC Analog Input pin ch.31
ICU4_2
Input Capture Input pin ch.4 relocation 2
PPG23_0
PPG Output pin ch.23 relocation 0
103
DVCC
-
Power Supply pin for SMC high current
104
DVSS
-
GND pin for SMC high current
105
Non connection
-
Non connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com