Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CPMC Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # MB91F577CPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CPMC Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button MB91F577CPMC Datasheet HTML 26Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 27Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 28Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 29Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 30Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 31Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 32Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 33Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 30 of 163
MB91570 Series
5. Pin Description (LQFP-208)
Pin Number
Pin Name
I/O Circuit Type
Function Description
1
VCCE
-
+3.3v/+5.0v Power Supply pin
2
P171
M2
General-Purpose I/O Port
A03
External Bus Address Output pin
3
P172
M2
General-Purpose I/O Port
A04
External Bus Address Output pin
4
P173
M2
General-Purpose I/O Port
A05
External Bus Address Output pin
5
P174
M2
General-Purpose I/O Port
A06
External Bus Address Output pin
6
P175
M2
General-Purpose I/O Port
A07
External Bus Address Output pin
7
P176
M2
General-Purpose I/O Port
A08
External Bus Address Output pin
8
P177
M2
General-Purpose I/O Port
A09
External Bus Address Output pin
9
P180
M2
General-Purpose I/O Port
A10
External Bus Address Output pin
10
P181
M2
General-Purpose I/O Port
A11
External Bus Address Output pin
11
P182
M2
General-Purpose I/O Port
A12
External Bus Address Output pin
12
P183
M2
General-Purpose I/O Port
A13
External Bus Address Output pin
13
P184
M2
General-Purpose I/O Port
A14
External Bus Address Output pin
14
P185
M2
General-Purpose I/O Port
A15
External Bus Address Output pin
15
P186
M2
General-Purpose I/O Port
A16
External Bus Address Output pin
16
P187
M2
General-Purpose I/O Port
A17
External Bus Address Output pin
17
P190
M2
General-Purpose I/O Port
A18
External Bus Address Output pin
18
P191
M2
General-Purpose I/O Port
A19
External Bus Address Output pin
19
P192
M2
General-Purpose I/O Port
A20
External Bus Address Output pin
20
P193
M2
General-Purpose I/O Port
A21
External Bus Address Output pin
21
VCCE
-
+3.3v/+5.0v Power Supply pin
22
VSS
-
GND pin
23
P194
M2
General-Purpose I/O Port
SYSCLK
External Bus Clock Output pin
24
P195
M2
General-Purpose I/O Port
CS2X
External Bus Chip-Select 2 Output pin
25
P196
M2
General-Purpose I/O Port
CS3X
External Bus Chip-Select 3 Output pin
26
P197
M2
General-Purpose I/O Port
RDY
External Bus RDY Input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com