Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CPMC Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # MB91F577CPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CPMC Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button MB91F577CPMC Datasheet HTML 25Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 26Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 27Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 28Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 29Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 30Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 31Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 32Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 29 of 163
MB91570 Series
Pin
Number
Pin Name
I/O Circuit
Type
Function Description
72
DVSS
-
GND pin for SMC high current
82
AVSS/AVRL
-
ADC, DAC GND pin / Low Reference Voltage pin
83
AVRH
-
ADC High Reference Voltage pin
84
AVCC
-
ADC,DAC Analog Power Supply pin
93
VCC5
-
+5.0v Power Supply pin
94
VSS
-
GND pin
108
VCC5
-
+5.0v Power Supply pin
109
VSS
-
GND pin
119
VSS
-
GND pin
128
VCC5
-
+5.0v Power Supply pin
129
VSS
-
GND pin
130
C
-
External Capacitance Connection Pin
144
VSS
-
GND pin
*1: I/O circuit type H is applied to MB91F575/7 and type I4 applied to MB91F578/9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com