Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CPMC Datasheet(PDF) 43 Page - Cypress Semiconductor

Part # MB91F577CPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CPMC Datasheet(HTML) 43 Page - Cypress Semiconductor

Back Button MB91F577CPMC Datasheet HTML 39Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 40Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 41Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 42Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 43Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 44Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 45Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 46Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 47Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 43 of 163
MB91570 Series
Pin Number
Pin Name
I/O Circuit Type
Function Description
191
P150
M2
General-Purpose I/O Port
D24_0
External Bus Data I/O pin
D16_1
External Bus Data I/O pin
192
P151
M2
General-Purpose I/O Port
D25_0
External Bus Data I/O pin
D17_1
External Bus Data I/O pin
193
P152
M2
General-Purpose I/O Port
D26_0
External Bus Data I/O pin
D18_1
External Bus Data I/O pin
194
P153
M2
General-Purpose I/O Port
D27_0
External Bus Data I/O pin
D19_1
External Bus Data I/O pin
195
P154
M2
General-Purpose I/O Port
D28_0
External Bus Data I/O pin
D20_1
External Bus Data I/O pin
196
P155
M2
General-Purpose I/O Port
D29_0
External Bus Data I/O pin
D21_1
External Bus Data I/O pin
197
P156
M2
General-Purpose I/O Port
D30_0
External Bus Data I/O pin
D22_1
External Bus Data I/O pin
198
P157
M2
General-Purpose I/O Port
D31_0
External Bus Data I/O pin
D23_1
External Bus Data I/O pin
199
P160
M2
General-Purpose I/O Port
ASX
External Bus Address-Strobe Output pin
200
P161
M2
General-Purpose I/O Port
CS0X
External Bus Chip-Select 0 Output pin
201
P162
M2
General-Purpose I/O Port
CS1X
External Bus Chip-Select 1 Output pin
202
P163
M2
General-Purpose I/O Port
RDX
External Bus Read-Strobe Output pin
203
P164
M2
General-Purpose I/O Port
WR0X
External Bus Write-Strobe 0 Output pin
204
P165
M2
General-Purpose I/O Port
WR1X
External Bus Write-Strobe 1 Output pin
205
P166
M2
General-Purpose I/O Port
A00
External Bus Address Output pin
206
P167
M2
General-Purpose I/O Port
A01
External Bus Address Output pin
207
P170
M2
General-Purpose I/O Port
A02
External Bus Address Output pin
208
VSS
-
GND pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com