Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CPMC Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # MB91F577CPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CPMC Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button MB91F577CPMC Datasheet HTML 35Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 36Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 37Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 38Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 39Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 40Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 41Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 42Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 39 of 163
MB91570 Series
Pin Number
Pin Name
I/O Circuit Type
Function Description
130
P115
J
General-Purpose I/O Port
SIN4_0
LIN_UART Serial Input pin ch.4 relocation 0
TIN2_0
Reload Timer Event Input pin ch.2 relocation 0
130
SGO2
J
Sound Generator SGO Output pin ch.2
FRCK4_0
Free-Run Timer Clock Input pin ch.4 relocation 0
AN33
ADC Analog Input pin ch.33
131
P114
J
General-Purpose I/O Port
SCK3_0
LIN_UART Serial Clock I/O pin ch.3 relocation 0
TIN1_0
Reload Timer Event Input pin ch.1 relocation 0
ICU5_1
Input Capture Input pin ch.5 relocation 1
SGA2
Sound Generator SGA Output pin ch.2
AN32
ADC Analog Input pin ch.32
TRG3
PPG Trigger Input pin 3 (ch.12-ch.15)
132
P000
M
General-Purpose I/O Port
SIN2_1
LIN_UART Serial Input pin ch.2 relocation 1
TIN0_2
Reload Timer Event Input pin ch.0 relocation 2
PPG0_0
PPG Output pin ch.0 relocation 0
INT0_1
External Interrupt Request Input pin ch.0 relocation 1
133
P001
M
General-Purpose I/O Port
SOT2_1
LIN_UART Serial Output pin ch.2 relocation 1
TIN1_2
Reload Timer Event Input pin ch.1 relocation 2
PPG1_0
PPG Output pin ch.1 relocation 0
INT1_1
External Interrupt Request Input pin ch.1 relocation 1
134
P002
M
General-Purpose I/O Port
SCK2_1
LIN_UART Serial Clock I/O pin ch.2 relocation 1
TIN2_2
Reload Timer Event Input pin ch.2 relocation 2
PPG2_0
PPG Output pin ch.2 relocation 0
INT2_1
External Interrupt Request Input pin ch.2 relocation 1
135
P003
M
General-Purpose I/O Port
SIN3_1
LIN_UART Serial Input pin ch.3 relocation 1
TIN3_2
Reload Timer Event Input pin ch.3 relocation 2
PPG3_0
PPG Output pin ch.3 relocation 0
INT3_1
External Interrupt Request Input pin ch.3 relocation 1
136
VCC5
-
+5.0v Power Supply pin
137
VSS
-
GND pin
138
P137
M(Y)
General-Purpose I/O Port
(X0A)
Sub Clock oscillation Input pin (only dual clock product)
139
P136
M(Y)
General-Purpose I/O Port
(X1A)
Sub Clock oscillation Output pin (only dual clock product)
140
NMIX
R
NMI Pin
141
P004
M
General-Purpose I/O Port
SOT3_1
LIN_UART Serial Output pin ch.3 relocation 1
TOT0_2
Reload Timer Output pin ch.0 relocation 2
PPG4_0
PPG Output pin ch.4 relocation 0
INT4_1
External Interrupt Request Input pin ch.4 relocation 1
142
P005
M
General-Purpose I/O Port
SCK3_1
LIN_UART Serial Clock I/O pin ch.3 relocation 1
TOT1_2
Reload Timer Output pin ch.1 relocation 2
PPG5_0
PPG Output pin ch.5 relocation 0
INT5_1
External Interrupt Request Input pin ch.5 relocation 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com