Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CPMC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # MB91F577CPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CPMC Datasheet(HTML) 2 Page - Cypress Semiconductor

  MB91F577CPMC Datasheet HTML 1Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 2Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 3Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 4Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 5Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 6Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 7Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 8Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 2 of 163
MB91570 Series
A/D converter (successive approximation type)
8/10-bit resolution : 40 channels
Conversion time : 3μs
D/A converter (R-2R type)
8-bit resolution : 2 channels
External interrupt input: 16 channels
Level ("H" / "L"), or edge detection ( rising or falling )
enabled
LIN-UART
6 channels, ch.2 to ch.7
Selectable from UART, synchronous mode or LIN-UART
mode
LIN protocol Revision 2.1 supported (LIN-UART).
SPI( Serial Peripheral Interface ) supported ( synchronous
mode )
Full-duplex double buffering system
LIN synch break detection ( linked to the input capture )
Built-in dedicated baud rate generator
DMA transfer support
Multi-function serial communication (built-in
transmission/reception FIFO memory ) : 4 channels
< UART (Asynchronous serial interface) >
Full-duplex double buffering system, 16-byte transmission
FIFO memory, 16-byte reception FIFO memory
Parity or no parity is selectable.
Built-in dedicated baud rate generator
The external clock can be used as the transfer clock
Parity, frame, and overrun error detect functions provided
DMA transfer support
<CSIO (Synchronous serial interface) >
Full-duplex double buffering system, 16-byte transmission
FIFO, memory, 16-byte reception FIFO memory
SPI supported; master and slave systems supported; 5 to
9-bit data length can be set.
Built-in dedicated baud rate generator (Master operation)
The external clock can be entered. (Slave operation)
Overrun error detection function is provided
DMA transfer support
<LIN-UART (Asynchronous Serial Interface for
LIN) >
Full-duplex double buffering system, 16-byte transmission
FIFO memory, 16-byte reception FIFO memory
LIN protocol revision 2.1 supported
Master and slave systems supported
Framing error and overrun error detection
LIN synch break generation and detection; LIN synch
delimiter generation
Built-in dedicated baud rate generator
The external clock can be adjusted by the reload counter
DMA transfer support
< I
2C >
Full-duplex double buffering system, 16-byte transmission
FIFO memory, 16-byte reception FIFO memory
Standard mode ( Max. 100kbps ) / high-speed mode ( Max.
400kbps ) supported
DMA transfer supported ( for transmission only )
I
2C supporting I/O ( for ch.0 and ch.1 only )
CAN Controller (C-CAN) : 3 channels
Transfer speed : Up to 1Mbps
64-transmission/reception message buffering : 1 channel,
32-transmission/reception message buffering : 2 channels
PPG : 16-bit × 24 channels
Reload timer : 16-bit × 7 channels(3 channels are for regular
timer interrupt generation. )
Free-run timer :
32-bit × 6 channels (Can select each channel for input
capture, output compare)
Input capture :
32-bit × 12 channels (linked to the free-run timer)
Output compare : 32-bit × 12 channels (linked to the free-run
timer)
Sound generator : 5 channels
Frequency and amplitude sequencers provided
Stepping motor controller : 6 channels
8/10-bit PWM
High current output supported (4 lines × 6 channels)
Can refer back electromotive force using pin-shared A/D
converter
LCD controller
Common output : 4 , Segment output : 32
Duty drive (SEG0 to SEG31) and static drive (ST0 to ST8)
can be switched.
Each of COM0 to COM3, SEG0 to SEG31, V0, V1, V2, and
V3 pins for duty drive can be switched to the
general-purpose port. (The SEG23 to SEG31 pins can be
switched to static driving.)
V0, V1, V2 and V3 pin can be used as the general-purpose
port. But V3 pin cannot be used as an output pin.
Each of ST0 to ST8 pins for static drive can be switched to
the general-purpose port, or it can be switched to the
segment output of duty drive.
MB91F575/7: The amplitude of the SEG0 to SEG22 output
is determined by the VCC5 power supply pin or by the V3
pin even if VCCE pin is supplied to 3.3V.
MB91F578/9: The voltage VCCE or less can be supplied to
V3 pin. It is prohibited that VCC5 being chosen as LCDC
reference voltage by software.
Up/Down counter: 2 channels
8/16-bit up/down counter
Real-time clock (RTC) (for day, hours, minutes, seconds)
Main oscillation / sub oscillation frequency can be selected
for the operation clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com