Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CPMC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # MB91F577CPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CPMC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button MB91F577CPMC Datasheet HTML 6Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 7Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 8Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 9Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 10Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 11Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 12Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 13Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 10 of 163
MB91570 Series
Product
Item
MB91F
578C(S)(M)
MB91F
578CH(S)(M)
MB91F
579C(S)(M)
MB91F
579CH(S)(M)
System Clock
On chip PLL Clock multiple method
Minimum instruction execution time
Around 12.5ns (80MHz)
Sub clock
Yes(Non-S series)
No(S series)
FLASH Capacity (Program)
1536 + 64KB
2048 + 64KB
FLASH Capacity (Work)
64KB
RAM
96KB + 16KB
128KB + 16KB
BI-ROM
4KB
GDC
None
External BUS I/F
Address : 22-bit Data :16-bit
(Part of the External BUS I/F pins can select the power supply 5V or 3.3V)
DMA Controller
16 channels
Base Timer(16bit)
2 channels
Free-run Timer(32bit)
6 channels
Input capture(32bit)
12 channels
Output Compare(32bit)
12 channels
Reload Timer(16bit)
7 channels
PPG timer(16bit)
24 channels
Up/down Counter
2 channels
Clock Supervisor
Yes
D/A converter
2 channels
External Interrupt
16 channels
A/D converter (8bit/10bit)
40 channels
LIN-UART
6 channels
Multi-Function serial communication
4 channels
*1
HS-SPI
No
LCD Controller
32seg × 4com(Static drive 8seg × 1com)
CAN
64msg × 1 channel / 32msg × 2 channels
Stepping Motor Controller
6 channels
Sound Generator
5 channels
Software Watchdog
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com